Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 53 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 49Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 50Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 51Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 52Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 53Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 54Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 55Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 56Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
35
Port B
PB0
Reserved
AFS1[0]: 0
ANA0/AMPOUT
ADC Analog Input/Transamp Output
AFS1[0]: 1
PB1
Reserved
AFS1[1]: 0
ANA1/AMPINN
ADC Analog Input/Transamp Input (N)
AFS1[1]: 1
PB2
Reserved
AFS1[2]: 0
ANA2/AMPINP
ADC Analog Input/Transamp Input (P)
AFS1[2]: 1
PB3
CLKIN
External Clock Input
AFS1[3]: 0
ANA3
ADC Analog Input
AFS1[3]: 1
PB4
Reserved
AFS1[4]: 0
ANA7
ADC Analog Input
AFS1[4]: 1
PB5
Reserved
AFS1[5]: 0
VREF
ADC Voltage Reference
AFS1[5]: 1
PB6
Reserved
AFS1[6]: 0
Reserved
AFS1[6]: 1
PB7
Reserved
AFS1[7]: 0
Reserved
AFS1[7]: 1
Note: Because there are at most two choices of alternate function for any pin of Port B, the Alternate
Function Set register AFS2 is implemented but not used to select the function. Also, alternate
function selection as described in “Port A–D Alternate Function Sub-Registers” on page 39 must
also be enabled.
Table 14. Port Alternate Function Mapping (Continued)(20/28-Pin Parts)
Port
Pin
Mnemonic
Alternate Function Description
Alternate
Function Set
Register AFS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com