Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 108 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 108 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 104Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 105Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 106Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 107Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 108Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 109Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 110Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 111Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 112Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
90
4. Executes the IRET instruction to return from the interrupt-service routine and await
more data.
Clear To Send (CTS) Operation
The CTS pin, if enabled by the CTSE bit of the UART Control 0 register, performs flow
control on the outgoing transmit datastream. The Clear To Send (CTS) input pin is sam-
pled one system clock before beginning any new character transmission. To delay trans-
mission of the next data character, an external receiver must deassert CTS at least one
system clock cycle before a new data transmission begins. For multiple character trans-
missions, this action is typically performed during Stop Bit transmission. If CTS deasserts
in the middle of a character transmission, the current character is sent completely.
MULTIPROCESSOR (9-bit) Mode
The UART has a MULTIPROCESSOR (9-bit) mode that uses an extra (9th) bit for selec-
tive communication when a number of processors share a common UART bus. In MULTI-
PROCESSOR mode (also referred to as 9-Bit mode), the multiprocessor bit (MP) is
transmitted immediately following the 8-bits of data and immediately preceding the Stop
bit(s) as illustrated in Figure 12. The character format is:
Figure 12.UART Asynchronous MULTIPROCESSOR Mode Data Format
In MULTIPROCESSOR (9-bit) mode, the Parity bit location (9th bit) becomes the Multi-
processor control bit. The UART Control 1 and Status 1 registers provide MULTIPRO-
CESSOR (9-bit) mode control and status information. If an automatic address matching
scheme is enabled, the UART Address Compare register holds the network address of the
device.
MULTIPROCESSOR (9-bit) Mode Receive Interrupts
When MULTIPROCESSOR mode is enabled, the UART only processes frames addressed
to it. The determination of whether a frame of data is addressed to the UART can be made
in hardware, software or some combination of the two, depending on the multiprocessor
configuration bits. In general, the address compare feature reduces the load on the CPU,
because it does not require access to the UART when it receives data directed to other
Start
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
MP
Data Field
lsb
msb
Idle State
of Line
Stop Bit(s)
1
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com