Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 198 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 198 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 194Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 195Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 196Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 197Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 198Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 199Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 200Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 201Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 202Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
eZ8 CPU Instruction Set
Z8 Encore! XP® F08xA Series
Product Specification
180
COM dst
dst
← ~dst
R
60
–
*
*
0
–
–
2
2
IR
61
2
3
CP dst, src
dst - src
r
r
A2
*
***–
–
2
3
rIr
A3
2
4
RR
A4
3
3
RIR
A5
3
4
RIM
A6
3
3
IR
IM
A7
3
4
CPC dst, src
dst - src - C
r
r
1F A2
*
***–
–
3
3
rIr
1F A3
3
4
RR
1F A4
4
3
RIR
1F A5
4
4
RIM
1F A6
4
3
IR
IM
1F A7
4
4
CPCX dst, src
dst - src - C
ER
ER
1F A8
*
***–
–
5
3
ER
IM
1F A9
5
3
CPX dst, src
dst - src
ER
ER
A8
*
***–
–
4
3
ER
IM
A9
4
3
DA dst
dst
← DA(dst)
R
40
*
*
*
X
–
–
2
2
IR
41
2
3
DEC dst
dst
← dst - 1
R
30
–***–
–
2
2
IR
31
2
3
DECW dst
dst
← dst - 1
RR
80
–
***–
–
2
5
IRR
81
2
6
DI
IRQCTL[7]
← 0
8F
–
–––
–
–
1
2
DJNZ dst, RA
dst
← dst – 1
if dst
≠ 0
PC
← PC + X
r
0A-FA
–
–––
–
–
2
3
EI
IRQCTL[7]
← 1
9F
–
–––
–
–
1
2
Table 116. eZ8 CPU Instruction Summary (Continued)
Assembly
Mnemonic
Symbolic Operation
Address Mode
Opcode(s)
(Hex)
Flags
Fetch
Cycles
Instr.
Cycles
dst
src
C
Z
S
V
D
H
Flags Notation:
* = Value is a function of the result of the operation.
– = Unaffected
X = Undefined
0 = Reset to 0
1 = Set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com