Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 66 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 66 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 62Page - Maxim Integrated Products DS31256+ Datasheet HTML 63Page - Maxim Integrated Products DS31256+ Datasheet HTML 64Page - Maxim Integrated Products DS31256+ Datasheet HTML 65Page - Maxim Integrated Products DS31256+ Datasheet HTML 66Page - Maxim Integrated Products DS31256+ Datasheet HTML 67Page - Maxim Integrated Products DS31256+ Datasheet HTML 68Page - Maxim Integrated Products DS31256+ Datasheet HTML 69Page - Maxim Integrated Products DS31256+ Datasheet HTML 70Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
66 of 183
Bit 1/BERT Error Counter Overflow (BECO). A latched bit that is set when the 24-bit BERT error counter
(BEC) overflows. Cleared when read and is not set again until another overflow occurs.
Bit 2/BERT Bit Counter Overflow (BBCO). A latched bit that is set when the 32-bit BERT bit counter (BBC)
overflows. Cleared when read and is not set again until another overflow occurs.
Bit 3/Bit Error Detected (BED). A latched bit that is set when a bit error is detected. The receive BERT must be
in synchronization for it to detect bit errors. Cleared when read.
Bit 4/Receive Loss of Synchronization (RLOS). A latched bit that is set whenever the receive BERT begins
searching for a pattern. Once synchronization is achieved, this bit remains set until read.
Bit 5/Receive All Zeros (RA0). A latched bit that is set when 31 consecutive 0s are received. Allowed to be
cleared once a 1 is received.
Bit 6/Receive All Ones (RA1). A latched bit that is set when 31 consecutive 1s are received. Allowed to be
cleared once 0 is received.
Bits 8 to 15/BERT 24-Bit Error Counter (BEC). Lower word of the 24-bit error counter. See the BERTEC1
register description for details.
Register Name:
BERTEC1
Register Description:
BERT 24-Bit Error Counter (upper)
Register Address:
051Ch
Bit #
7
6
5
4
3
2
1
0
Name
BERT 24-Bit Error Counter
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
BERT 24-Bit Error Counter (upper byte)
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write. default value for all bits is 0.
Bits 0 to 15/BERT 24-Bit Error Counter (BEC). Upper two words of the 24-bit error counter. This 24-bit
counter increments for each data bit received in error. This counter is not disabled when the receive BERT loses
synchronization. This counter is loaded with the current bit count value when the LC control bit in the BERTC0
register is toggled from low (0) to high (1). When full, this counter saturates and sets the BECO status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com