Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 25Page - Maxim Integrated Products DS31256+ Datasheet HTML 26Page - Maxim Integrated Products DS31256+ Datasheet HTML 27Page - Maxim Integrated Products DS31256+ Datasheet HTML 28Page - Maxim Integrated Products DS31256+ Datasheet HTML 29Page - Maxim Integrated Products DS31256+ Datasheet HTML 30Page - Maxim Integrated Products DS31256+ Datasheet HTML 31Page - Maxim Integrated Products DS31256+ Datasheet HTML 32Page - Maxim Integrated Products DS31256+ Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
29 of 183
4.6 HDLC Registers (4xx)
OFFSET/
ADDRESS
NAME
REGISTER
SECTION
0400
RHCDIS
Receive HDLC Channel Definition Indirect Select
7.2
0404
RHCD
Receive HDLC Channel Definition
7.2
0410
RHPL
Receive HDLC maximum Packet Length. One per device.
7.2
0480
THCDIS
Transmit HDLC Channel Definition Indirect Select
7.2
0484
THCD
Transmit HDLC Channel Definition
7.2
4.7 BERT Registers (5xx)
OFFSET/
ADDRESS
NAME
REGISTER
SECTION
0500
BERTC0
BERT Control 0
6.6
0504
BERTC1
BERT Control 1
6.6
0508
BERTRP0
BERT Repetitive Pattern Set 0 (lower word)
6.6
050C
BERTRP1
BERT Repetitive Pattern Set 1 (upper word)
6.6
0510
BERTBC0
BERT Bit Counter 0 (lower word)
6.6
0514
BERTBC1
BERT Bit Counter 1 (upper word)
6.6
0518
BERTEC0
BERT Error Counter 0 (lower word)
6.6
051C
BERTEC1
BERT Error Counter 1 (upper word)
6.6
4.8 Receive DMA Registers (7xx)
OFFSET/
ADDRESS
NAME
REGISTER
SECTION
0700
RFQBA0
Receive Free-Queue Base Address 0 (lower word)
9.2.3
0704
RFQBA1
Receive Free-Queue Base Address 1 (upper word)
9.2.3
0708
RFQEA
Receive Free-Queue End Address
9.2.3
070C
RFQSBSA
Receive Free-Queue Small Buffer Start Address
9.2.3
0710
RFQLBWP
Receive Free-Queue Large Buffer Host Write Pointer
9.2.3
0714
RFQSBWP
Receive Free-Queue Small Buffer Host Write Pointer
9.2.3
0718
RFQLBRP
Receive Free-Queue Large Buffer DMA Read Pointer
9.2.3
071C
RFQSBRP
Receive Free-Queue Small Buffer DMA Read Pointer
9.2.3
0730
RDQBA0
Receive Done-Queue Base Address 0 (lower word)
9.2.4
0734
RDQBA1
Receive Done-Queue Base Address 1 (upper word)
9.2.4
0738
RDQEA
Receive Done-Queue End Address
9.2.4
073C
RDQRP
Receive Done-Queue Host Read Pointer
9.2.4
0740
RDQWP
Receive Done-Queue DMA Write Pointer
9.2.4
0744
RDQFFT
Receive Done-Queue FIFO Flush Timer
9.2.4
0750
RDBA0
Receive Descriptor Base Address 0 (lower word)
9.2.2
0754
RDBA1
Receive Descriptor Base Address 1 (upper word)
9.2.2
0770
RDMACIS
Receive DMA Configuration Indirect Select
9.3.5
0774
RDMAC
Receive DMA Configuration
9.3.5
0780
RDMAQ
Receive DMA Queues Control
9.2.3/9.2.4
0790
RLBS
Receive Large Buffer Size
9.2.1
0794
RSBS
Receive Small Buffer Size
9.2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com