Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 99 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 99 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 95Page - Maxim Integrated Products DS31256+ Datasheet HTML 96Page - Maxim Integrated Products DS31256+ Datasheet HTML 97Page - Maxim Integrated Products DS31256+ Datasheet HTML 98Page - Maxim Integrated Products DS31256+ Datasheet HTML 99Page - Maxim Integrated Products DS31256+ Datasheet HTML 100Page - Maxim Integrated Products DS31256+ Datasheet HTML 101Page - Maxim Integrated Products DS31256+ Datasheet HTML 102Page - Maxim Integrated Products DS31256+ Datasheet HTML 103Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
99 of 183
Figure 9-8. Receive Done-Queue Structure
Once the receive DMA is activated (through the RDE control bit in the master configuration register, see
Section 5), it can begin writing data to the done queue. It knows where to write data into the done queue
by reading the write pointer and adding it to the base address to obtain the actual 32-bit address. Once
the DMA has written to the done queue, it increments the write pointer by one dword. A check must be
made to ensure the incremented address does not exceed the receive done-queue end address. If the
incremented address exceeds this address, the incremented write pointer is set equal to 0000h (i.e., the
base address).
Status Bits/Interrupts
On writes to the done queue by the DMA, the DMA sets the status bit for the receive DMA done-queue
write (RDQW) in the SDMA. The host can configure the DMA to either set this status bit on each write
to the done queue or only after multiple (from 2 to 128) writes. The host controls this by setting the
RDQT0 to RDQT2 bits in the receive DMA queues control (RDMAQ) register. See the description of
the RDMAQ register at the end of Section 9.2.4 for more details. The DMA also checks the receive
done-queue host read pointer to ensure an overflow does not occur. If this does occur, the DMA then sets
the status bit for the receive DMA done-queue write error (RDQWE) in the status register for DMA
(SDMA), and it does not write to the done queue nor does it increment the write pointer. In such a
scenario, packets can be lost and unrecoverable. Each of the status bits can also (if enabled) cause a
hardware interrupt to occur. See Section 5 for more details.
Buffer Write Threshold Setting
In the DMA configuration RAM (Section 9.2.5), there is a host-controlled field called “threshold” (bits
RDT0 to RDT2) that informs the DMA when it should write to the done queue. The host has the option
to have the DMA place information in the done queue after a programmable number (from 1 to 7) data
Base + 00h
Base + 04h
Base + 08h
Base + 0Ch
Base + 10h
Base + 14h
Base + End Address
Done-Queue DMA Write Pointer
Done-Queue Host Read Pointer
Maximum of 65,536
Done-Queue Descriptors
DMA Readied
Done-Queue Descriptor
DMA Readied
Done-Queue Descriptor
DMA Readied
Done-Queue Descriptor
DMA Readied
Done-Queue Descriptor
Host Processed
Done-Queue Descriptor
Host Processed
Done-Queue Descriptor
Host Processed
Done-Queue Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com