Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 78 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 78 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 74Page - Maxim Integrated Products DS31256+ Datasheet HTML 75Page - Maxim Integrated Products DS31256+ Datasheet HTML 76Page - Maxim Integrated Products DS31256+ Datasheet HTML 77Page - Maxim Integrated Products DS31256+ Datasheet HTML 78Page - Maxim Integrated Products DS31256+ Datasheet HTML 79Page - Maxim Integrated Products DS31256+ Datasheet HTML 80Page - Maxim Integrated Products DS31256+ Datasheet HTML 81Page - Maxim Integrated Products DS31256+ Datasheet HTML 82Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
78 of 183
block pointer RAM, the host should write this bit to 0. This causes the device to take the data that is currently
present in the RFBP register and write it to the channel location indicated by the BLKID bits. When the device
completes the write, the IAB is set to 0.
Note: The RFSBP is write-only memory. Once this register has been written to and the operation has started, the
DS31256 internal state machine changes the value in this memory.
Bit 15/Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read-only bit is set
to 1. During a read operation, this bit is set to 1 until the data is ready to be read. It is set to 0 when the data is
ready to be read. During a write operation, this bit is set to 1 while the write is taking place. It is set to 0 once the
write operation completes.
Register Name:
RFBP
Register Description:
Receive FIFO Block Pointer
Register Address:
0914h
Bit #
7
6
5
4
3
2
1
0
Name
RBP7
RBP6
RBP5
RBP4
RBP3
RBP2
RBP1
RBP0
Default
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
n/a
n/a
RBP9
RBP8
Default
Note: Bits that are underlined are read only, all other bits are read-write.
Bits 0 to 9/Block Pointer (RBP0 to RBP9). These bits indicate which of the 10242 blocks is the next block in the
link-list chain. A block is not allowed to point to itself.
0000000000 (000h) = block 0 is the next linked block
0111111111 (1FFh) = block 511 is the next linked block
1111111111 (3FFh) = block 1023 is the next linked block
Register Name:
RFHWMIS
Register Description:
Receive FIFO High-Watermark Indirect Select
Register Address:
0920h
Bit #
7
6
5
4
3
2
1
0
Name
HCID7
HCID6
HCID5
HCID4
HCID3
HCID2
HCID1
HCID0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
IAB
IARW
n/a
n/a
n/a
n/a
n/a
n/a
Default
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 7/HDLC Channel ID (HCID0 to HCID7)
00000000 (00h) = HDLC channel number 1
11111111 (FFh) = HDLC channel number 256
Bit 14/Indirect Access Read/Write (IARW). When the host wishes to read data from the internal receive high-
watermark RAM, this bit should be written to 1 by the host. This causes the device to begin obtaining the data
from the channel location indicated by the HCID bits. During the read access, the IAB bit is set to 1. Once the data
is ready to be read from the RFHWM register, the IAB bit is set to 0. When the host wishes to write data to the
internal receive high-watermark RAM, this bit should be written to 0 by the host. This causes the device to take



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com