Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 28Page - Maxim Integrated Products DS31256+ Datasheet HTML 29Page - Maxim Integrated Products DS31256+ Datasheet HTML 30Page - Maxim Integrated Products DS31256+ Datasheet HTML 31Page - Maxim Integrated Products DS31256+ Datasheet HTML 32Page - Maxim Integrated Products DS31256+ Datasheet HTML 33Page - Maxim Integrated Products DS31256+ Datasheet HTML 34Page - Maxim Integrated Products DS31256+ Datasheet HTML 35Page - Maxim Integrated Products DS31256+ Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
32 of 183
5. GENERAL DEVICE CONFIGURATION AND STATUS/INTERRUPT
5.1 Master Reset and ID Register Description
The master reset and ID (MRID) register can be used to globally reset the device. When the RST bit is
set to 1, all the internal registers (except the PCI configuration registers) are placed into their default
state, which is 0000h. The host must set the RST bit back to 0 before the device can be programmed for
normal operation. The RST bit does not force the PCI outputs to tri-state as does the hardware reset,
which is invoked by the
PRST pin. A reset invoked by the PRST pin forces the RST bit to 0 as well as
the rest of the internal configuration registers. See Section 2 for more details about device initialization.
The upper byte of the MRID register is read-only and it can be read by the host to determine the chip
revision. Contact the factory for specifics on the meaning of the value read from the ID0 to ID7 bits.
Register Name:
MRID
Register Description:
Master Reset and ID Register
Register Address:
0000h
Bit #
7
6
5
4
3
2
1
0
Name
n/a
n/a
n/a
n/a
n/a
n/a
n/a
RST
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Master Software Reset (RST)
0 = normal operation
1 = force all internal registers (except LBBMC) to their default value of 0000h
Bits 8 to 15/Chip Revision ID Bit 0 to 7 (ID0 to ID7). Read-only. Contact the factory for details on the meaning
of the ID bits.
5.2 Master Configuration Register Description
The master configuration (MC) register is used by the host to enable the receive and transmit DMAs as
well as to control their PCI bus bursting attributes and select which port the BERT is dedicated to.
Register Name:
MC
Register Description:
Master Configuration Register
Register Address:
0010h
Bit #
7
6
5
4
3
2
1
0
Name
BPS0
PBO
TDT1
TDT0
TDE
RDT1
DT0
RDE
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
TFPC1
TFPC0
RFPC1
RFPC0
BPS4
BPS3
BPS2
BPS1
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com