Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 36Page - Maxim Integrated Products DS31256+ Datasheet HTML 37Page - Maxim Integrated Products DS31256+ Datasheet HTML 38Page - Maxim Integrated Products DS31256+ Datasheet HTML 39Page - Maxim Integrated Products DS31256+ Datasheet HTML 40Page - Maxim Integrated Products DS31256+ Datasheet HTML 41Page - Maxim Integrated Products DS31256+ Datasheet HTML 42Page - Maxim Integrated Products DS31256+ Datasheet HTML 43Page - Maxim Integrated Products DS31256+ Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
40 of 183
Register Name:
SDMA
Register Description:
Status Register for DMA
Register Address:
0028h
Bit #
7
6
5
4
3
2
1
0
Name
RLBRE
RLBR
ROVFL
RLENC
RABRT
RCRCE
n/a
n/a
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
TDQWE
TDQW
TPQR
TUDFL
RDQWE
RDQW
RSBRE
RSBR
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 2/Status Bit for Receive HDLC CRC Error (RCRCE). This status bit is set to 1 if any of the receive HDLC
channels experiences a CRC checksum error. The RCRCE bit is cleared when read and is not set again until
another CRC checksum error has occurred. If enabled through the RCRCE bit in the interrupt mask for SDMA
(ISDMA), the setting of this bit causes a hardware interrupt at the PCI bus through the
PINTA signal pin and also
at the
LINT if the local bus is in configuration mode.
Bit 3/Status Bit for Receive HDLC Abort Detected (RABRT). This status bit is set to 1 if any of the receive
HDLC channels detects an abort. The RABRT bit is cleared when read and is not set again until another abort has
been detected. If enabled through the RABRT bit in the interrupt mask for SDMA (ISDMA), the setting of this bit
causes a hardware interrupt at the PCI bus through the
PINTA signal pin and also at the LINT if the local bus is in
configuration mode.
Bit 4/Status Bit for Receive HDLC Length Check (RLENC). This status bit is set to 1 if any of the HDLC
channels:
• exceeds the octet length count (if so enabled to check for octet length)
• receives an HDLC packet that does not meet the minimum length criteria of either 4 or 6 bytes
• experiences a nonintegral number of octets between opening and closing flags
The RLENC bit is cleared when read and is not set again until another length violation has occurred. If enabled
through the RLENC bit in the interrupt mask for SDMA (ISDMA), the setting of this bit causes a hardware
interrupt at the PCI bus through the
PINTA signal pin and also at the LINT if the local bus is in configuration
mode.
Bit 5/Status Bit for Receive FIFO Overflow (ROVFL). This status bit is set to 1 if any of the HDLC channels
experiences an overflow in the receive FIFO. The ROVFL bit is cleared when read and is not set again until
another overflow has occurred. If enabled through the ROVFL bit in the interrupt mask for SDMA (ISDMA), the
setting of this bit causes a hardware interrupt at the PCI bus through the
PINTA signal pin and also at the LINT if
the local bus is in configuration mode.
Bit 6/Status Bit for Receive DMA Large Buffer Read (RLBR). This status bit is set to 1 each time the receive
DMA completes a single read or a burst read of the large buffer free queue. The RLBR bit is cleared when read
and is not be set again until another read of the large buffer free queue has occurred. If enabled through the RLBR
bit in the interrupt mask for SDMA (ISDMA), the setting of this bit causes a hardware interrupt at the PCI bus
through the
PINTA signal pin and also at the LINT if the local bus is in configuration mode.
Bit 7/Status Bit for Receive DMA Large Buffer Read Error (RLBRE). This status bit is set to 1 each time the
receive DMA tries to read the large buffer free queue and it is empty. The RLBRE bit is cleared when read and is
not set again until another read of the large buffer free queue detects that it is empty. If enabled through the
RLBRE bit in the interrupt mask for SDMA (ISDMA), the setting of this bit causes a hardware interrupt at the PCI
bus through the
PINTA signal pin and also at the LINT if the local bus is in configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com