Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 51 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 51 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 47Page - Maxim Integrated Products DS31256+ Datasheet HTML 48Page - Maxim Integrated Products DS31256+ Datasheet HTML 49Page - Maxim Integrated Products DS31256+ Datasheet HTML 50Page - Maxim Integrated Products DS31256+ Datasheet HTML 51Page - Maxim Integrated Products DS31256+ Datasheet HTML 52Page - Maxim Integrated Products DS31256+ Datasheet HTML 53Page - Maxim Integrated Products DS31256+ Datasheet HTML 54Page - Maxim Integrated Products DS31256+ Datasheet HTML 55Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
51 of 183
Bit 14/Interrupt Enable for TCOFA (IETC)
0 = interrupt masked
1 = interrupt enabled
Bit 15/COFA Status Bit (TCOFA). This latched read-only status bit is set if a COFA is detected. A COFA is
detected by sensing that a sync pulse has occurred during a clock period that was not the first bit of the
193/256/512/1024-bit frame. This bit is reset when read and is not set again until another COFA has occurred.
6.3 Layer 1 Configuration Register Description
There are three configuration registers for each DS0 channel on each port (Figure 6-3). As shown in
Figure 6-1, each of the 16 ports contains a PORT RAM, which controls the Layer 1 state machine. These
384 registers (three registers x 128 DS0 channels per port) comprise the PORT RAM for each port,
controlling and providing access to the Layer 1 state machine. The registers are accessed indirectly
through the channelized port register data (CP[n]RD) register. The host must first write to the
channelized port register data-indirect select (CP[n]RDIS) register to choose which DS0 channel and
channelized PORT RAM it wishes to configure or read. On power-up, the host must write to all the used
R[n]CFG[j] and T[n]CFG[j] locations to make sure they are set into a known state.
Figure 6-3. Layer 1 Register Set
C[n]DAT[j]: Channelized DS0 Data
LSB
RDATA(8): Receive DS0 Data
MSB
TDATA(8): Transmit DS0 Data
R[n]CFG[j]: Receive Configuration
LSB
RCH#(8): Receive HDLC Channel Number
MSB
RCHEN
RBERT
n/a
RV54
n/a
CLLB
n/a
R56
T[n]CFG[j]: Transmit Configuration
LSB
TCH#(8): Transmit HDLC Channel Number
MSB
TCHEN
TBERT
n/a
n/a
CNLB
n/a
TFAO
T56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com