Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 34Page - Maxim Integrated Products DS31256+ Datasheet HTML 35Page - Maxim Integrated Products DS31256+ Datasheet HTML 36Page - Maxim Integrated Products DS31256+ Datasheet HTML 37Page - Maxim Integrated Products DS31256+ Datasheet HTML 38Page - Maxim Integrated Products DS31256+ Datasheet HTML 39Page - Maxim Integrated Products DS31256+ Datasheet HTML 40Page - Maxim Integrated Products DS31256+ Datasheet HTML 41Page - Maxim Integrated Products DS31256+ Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
38 of 183
Bit 14/Status Bit for Local Bus Error (LBE). This status bit applies to the local bus when it is operated in PCI
bridge mode. It is set to 1 when the local bus
LRDY signal is not detected within nine LCLK periods. This
indicates to the host that an aborted local bus access has occurred. If enabled through the LBE bit in the interrupt
mask for SM (ISM), the setting of this bit causes a hardware interrupt at the PCI bus through the
PINTA signal pin
and also at the
LINT if the local bus is in configuration mode. The LBE bit is meaningless when the local bus is
operated in the configuration mode and should be ignored.
Bit 15/Status Bit for Local Bus Interrupt (LBINT). This status bit is set to 1 if the local bus
LINT signal has
been detected as asserted. This status bit is only valid when the local bus is operated in PCI bridge mode. The
LBINT bit is cleared when read and is not set again until the
LINT signal pin once again has been detected as
asserted. If enabled through the LBINT bit in the interrupt mask for SM (ISM), the setting of this bit causes a
hardware interrupt at the PCI bus through the
PINTA signal pin. The LBINT bit is meaningless when the local bus
is operated in the configuration mode and should be ignored.
Register Name:
ISM
Register Description:
Interrupt Mask Register for SM
Register Address:
0024h
Bit #
7
6
5
4
3
2
1
0
Name
n/a
n/a
n/a
PPERR
PSERR
SBERT
STCOFA
SRCOFA
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
LBINT
LBE
n/a
n/a
n/a
n/a
n/a
n/a
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Status Bit for Receive Change-of-Frame Alignment (SRCOFA)
0 = interrupt masked
1 = interrupt unmasked
Bit 1/Status Bit for Transmit Change-of-Frame Alignment (STCOFA)
0 = interrupt masked
1 = interrupt unmasked
Bit 2/Status Bit for Change of State in BERT (SBERT)
0 = interrupt masked
1 = interrupt unmasked
Bit 3/Status Bit for PCI System Error (PSERR)
0 = interrupt masked
1 = interrupt unmasked
Bit 4/Status Bit for PCI System Error (PPERR)
0 = interrupt masked
1 = interrupt unmasked
Bit 14/Status Bit for Local Bus Error (LBE)
0 = interrupt masked
1 = interrupt unmasked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com