Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 90 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 90 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 86Page - Maxim Integrated Products DS31256+ Datasheet HTML 87Page - Maxim Integrated Products DS31256+ Datasheet HTML 88Page - Maxim Integrated Products DS31256+ Datasheet HTML 89Page - Maxim Integrated Products DS31256+ Datasheet HTML 90Page - Maxim Integrated Products DS31256+ Datasheet HTML 91Page - Maxim Integrated Products DS31256+ Datasheet HTML 92Page - Maxim Integrated Products DS31256+ Datasheet HTML 93Page - Maxim Integrated Products DS31256+ Datasheet HTML 94Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
90 of 183
9.2.2 Packet Descriptors
A contiguous section of up to 65,536 quad dwords that make up the receive packet descriptors resides in
main memory. The receive packet descriptors are aligned on a quad dword basis and can be placed
anywhere in the 32-bit address space through the receive descriptor base address (Table 9-C). A data
buffer is associated with each descriptor. The data buffer can be up to 8188 Bytes long and must be a
contiguous section of main memory. The host can set two different data buffer sizes through the receive
large buffer size (RLBS) and the receive small buffer size (RSBS) registers (Section 9.2.1). If an
incoming packet requires more space than the data buffer allows, packet descriptors are link-listed
together by the DMA to provide a chain of data buffers. Figure 9-3 shows an example of how three
descriptors were linked together for an incoming packet on HDLC channel 2. Figure 9-2 shows a similar
example. Channel 9 only required a single data buffer and therefore only one packet descriptor was used.
Packet descriptors can be either free (available for use by the DMA) or used (currently contain data that
needs to be processed by the host). The free-queue descriptors point to the free-packet descriptors. The
done-queue descriptors point to the used-packet descriptors.
Table 9-C. Receive Descriptor Address Storage
REGISTER
NAME
ADDRESS
Receive Descriptor Base Address 0 (lower word)
RDBA0
0750h
Receive Descriptor Base Address 1 (upper word)
RDBA1
0754h
Figure 9-3. Receive Descriptor Example
Free Descriptor
Base + 00h
Channel 2 First Buffer Descriptor
Base + 10h
Base + 20h
Free Descriptor
Base + 30h
Free Descriptor
Base + 40h
Base + 50h
Free Descriptor
Base + 60h
Base + 70h
Free Descriptor
Base + 80h
Free Descriptor
Base + FFFD0h
Free Descriptor
Base + FFFF0h
Channel 9 Single Buffer Descriptor
Channel 2 Second Buffer Descriptor
Channel 2 Last Buffer Descriptor
Free-Queue Descriptor
Address
Done-Queue Descriptor Pointer
Maximum of 65,536
Descriptors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com