Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 39Page - Maxim Integrated Products DS31256+ Datasheet HTML 40Page - Maxim Integrated Products DS31256+ Datasheet HTML 41Page - Maxim Integrated Products DS31256+ Datasheet HTML 42Page - Maxim Integrated Products DS31256+ Datasheet HTML 43Page - Maxim Integrated Products DS31256+ Datasheet HTML 44Page - Maxim Integrated Products DS31256+ Datasheet HTML 45Page - Maxim Integrated Products DS31256+ Datasheet HTML 46Page - Maxim Integrated Products DS31256+ Datasheet HTML 47Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
43 of 183
Bit 13/Status Bit for Transmit DMA Pending-Queue Read (TPQR)
0 = interrupt masked
1 = interrupt unmasked
Bit 14/Status Bit for Transmit DMA Done-Queue Write (TDQW)
0 = interrupt masked
1 = interrupt unmasked
Bit 15/Status Bit for Transmit DMA Done-Queue Write Error (TDQWE)
0 = interrupt masked
1 = interrupt unmasked
5.4 Test Register Description
Register Name:
TEST
Register Description:
Test Register
Register Address:
0050h
Bit #
7
6
5
4
3
2
1
0
Name
n/a
n/a
n/a
n/a
n/a
n/a
n/a
FT
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Factory Test (FT). This bit is used by the factory to place the DS31256 into the test mode. For normal
device operation, this bit should be set to 0 whenever this register is written to. Setting this bit places the RAMs
into a low-power standby mode.
Bit 1 to 15/Device Internal Test Bits. Bits 1 to 15 are for internal (Dallas Semiconductor) test use only, not user
test-mode controls. Values of these bits should always be 0. If any of these bits are set to 1 the device does not
function properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com