Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 7Page - Maxim Integrated Products DS31256+ Datasheet HTML 8Page - Maxim Integrated Products DS31256+ Datasheet HTML 9Page - Maxim Integrated Products DS31256+ Datasheet HTML 10Page - Maxim Integrated Products DS31256+ Datasheet HTML 11Page - Maxim Integrated Products DS31256+ Datasheet HTML 12Page - Maxim Integrated Products DS31256+ Datasheet HTML 13Page - Maxim Integrated Products DS31256+ Datasheet HTML 14Page - Maxim Integrated Products DS31256+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
11 of 183
Restrictions
In creating the overall system architecture, the user must balance the port, throughput, and HDLC
channel restrictions of the DS31256. Table 2-A lists all of the upper-bound maximum restrictions.
Table 2-A. Restrictions
ITEM
RESTRICTION
Port
Maximum of 16 channelized and unchannelized physical ports
Unchannelized
Ports 0 to 2: Maximum data rate of 52Mbps
Ports 3 to 15: Maximum data rate of 10Mbps
Channelized
Channelized and with byte interleave interfaces: 60 T1/64 E1 links
Maximum receive: 132Mbps
Throughput
Maximum transmit: 132Mbps
HDLC
Maximum of 256 channels:
If the fast HDLC engine on Port 0 is being used, then it must be
HDLC Channel 1*
If the fast HDLC engine on Port 1 is being used, then it must be
HDLC Channel 2*
If the fast HDLC engine on Port 2 is being used, then it must be
HDLC Channel 3*
*The 256 HDLC channels within the device are numbered 1 to 256.
Internal Device Configuration Registers
All internal device configuration registers (with the exception of the PCI configuration registers, which
are 32-bit registers) are 16 bits wide and are not byte addressable. When the host on the PCI bus accesses
these registers, the particular combination of byte enables (i.e.,
PCBE signals) is not important, but at
least one of the byte enables must be asserted for a transaction to occur. All registers are read/write,
unless otherwise noted. Not assigned (n/a) bits should be set to 0 when written to allow for future
upgrades. These bits should be treated as having no meaning and could be either 0 or 1 when read.
Initialization
On a system reset (which can be invoked by either hardware action through the
PRST signal or software
action through the RST control bit in the master reset and ID register), all of the internal device
configuration registers are set to 0 (0000h). The local bus bridge mode control register (LBBMC) is not
affected by a software-invoked system reset; it is forced to all zeros only by a hardware reset. The
internal registers that are accessed indirectly (these are listed as “indirect registers” in the data sheet and
consist of the channelized port registers in the Layer 1 block, the DMA configuration RAMs, the HDLC
configuration registers, and the FIFO registers) are not affected by a system reset, so they must be
configured on power-up by the host to a proper state. Table 2-B lists the steps required to initialize the
DS31256.
Note: After device power-up and reset, it takes 0.625ms to get a port up and operating, therefore, the
ports must wait a minimum of 0.625ms before packet data can be processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com