Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 79 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 75Page - Maxim Integrated Products DS31256+ Datasheet HTML 76Page - Maxim Integrated Products DS31256+ Datasheet HTML 77Page - Maxim Integrated Products DS31256+ Datasheet HTML 78Page - Maxim Integrated Products DS31256+ Datasheet HTML 79Page - Maxim Integrated Products DS31256+ Datasheet HTML 80Page - Maxim Integrated Products DS31256+ Datasheet HTML 81Page - Maxim Integrated Products DS31256+ Datasheet HTML 82Page - Maxim Integrated Products DS31256+ Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
79 of 183
the data that is currently present in the RFHWM register and write it to the channel location indicated by the HCID
bits. When the device has completed the write, the IAB is set to 0.
Bit 15/Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read-only bit is set
to 1. During a read operation, this bit is set to 1 until the data is ready to be read. It is set to 0 when the data is
ready to be read. During a write operation, this bit is set to 1 while the write is taking place. It is set to 0 once the
write operation has completed.
Register Name:
RFHWM
Register Description:
Receive FIFO High Watermark
Register Address:
0924h
Bit #
7
6
5
4
3
2
1
0
Name
RHWM7
RHWM6
RHWM5
RHWM4
RHWM3
RHWM2
RHWM1
RHWM0
Default
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
n/a
n/a
RHWM9
RHWM8
Default
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 9/High Watermark (RHWM0 to RHWM9). These bits indicate the setting of the receive high-
watermark. The high-watermark setting is the number of successive blocks that the HDLC controller writes to the
FIFO before the DMA sends the data to the PCI bus. The high-watermark setting must be between (inclusive) one
block and one less than the number of blocks in the link-list chain for the particular channel involved. For
example, if four blocks are linked together, the high watermark can be set to either 1, 2, or 3. In other words, the
high watermark can be set to a value of 1 to N - 1, where N = number of block linked together. Any other numbers
are illegal.
0000000000 (000h) = invalid setting
0000000001 (001h) = high watermark is 1 block
0000000010 (002h) = high watermark is 2 blocks
0111111111 (1FFh) = high watermark is 511 blocks
1111111111 (3FFh) = high watermark is 1023 blocks
Register Name:
TFSBPIS
Register Description:
Transmit FIFO Starting Block Pointer Indirect Select
Register Address:
0980h
Bit #
7
6
5
4
3
2
1
0
Name
HCID7
HCID6
HCID5
HCID4
HCID3
HCID2
HCID1
HCID0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
IAB
IARW
n/a
n/a
n/a
n/a
n/a
n/a
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com