Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 101 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 101 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 97Page - Maxim Integrated Products DS31256+ Datasheet HTML 98Page - Maxim Integrated Products DS31256+ Datasheet HTML 99Page - Maxim Integrated Products DS31256+ Datasheet HTML 100Page - Maxim Integrated Products DS31256+ Datasheet HTML 101Page - Maxim Integrated Products DS31256+ Datasheet HTML 102Page - Maxim Integrated Products DS31256+ Datasheet HTML 103Page - Maxim Integrated Products DS31256+ Datasheet HTML 104Page - Maxim Integrated Products DS31256+ Datasheet HTML 105Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
101 of 183
Register Name:
RDQFFT
Register Description:
Receive Done-Queue FIFO Flush Timer
Register Address:
0744h
Bit #
7
6
5
4
3
2
1
0
Name
TC7
TC6
TC5
TC4
TC3
TC2
TC1
TC0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
TC15
TC14
TC13
TC12
TC11
TC10
TC9
TC8
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only, all other bits are read-write.
Bits 0 to 15/Receive Done-Queue FIFO Flush Timer Control Bits (TC0 to TC15). Please note that on system
reset, the timer is set to 0000h, which is defined as an illegal setting. If the receive done-queue FIFO is to be
activated (RDQFE = 1), then the host must first configure the timer to a proper state and then set the RDQFE bit to
one.
0000h = illegal setting
0001h = timer count resets to 1
FFFFh = timer count resets to 65,536
Register Name:
RDMAQ
Register Description:
Receive DMA Queues Control
Register Address:
0780h
Bit #
7
6
5
4
3
2
1
0
Name
n/a
n/a
RDQF
RDQFE
RFQSF
RFQLF
n/a
RFQFE
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
n/a
RDQT2
RDQT1
RDQT0
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only, all other bits are read-write.
Bit 0/Receive Free-Queue FIFO Enable (RFQFE). See Section 9.2.3 for details.
Bit 2/Receive Free-Queue Large Buffer FIFO Flush (RFQLF). See Section 9.2.3 for details.
Bit 3/Receive Free-Queue Small Buffer FIFO Flush (RFQSF). See Section 9.2.3 for details.
Bit 4/Receive Done-Queue FIFO Enable (RDQFE). To enable the DMA to burst write descriptors to the done
queue, this bit must be set to 1. If this bit is set to 0, messages are written one at a time.
0 = done-queue burst-write disabled
1 = done-queue burst-write enabled
Bit 5/Receive Done-Queue FIFO Flush (RDQF). When this bit is set to 1, the internal done-queue FIFO is
flushed by sending all data into the done queue. This bit must be set to 0 for proper operation.
0 = FIFO in normal operation
1 = FIFO is flushed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com