Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 144 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 144 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 140Page - Maxim Integrated Products DS31256+ Datasheet HTML 141Page - Maxim Integrated Products DS31256+ Datasheet HTML 142Page - Maxim Integrated Products DS31256+ Datasheet HTML 143Page - Maxim Integrated Products DS31256+ Datasheet HTML 144Page - Maxim Integrated Products DS31256+ Datasheet HTML 145Page - Maxim Integrated Products DS31256+ Datasheet HTML 146Page - Maxim Integrated Products DS31256+ Datasheet HTML 147Page - Maxim Integrated Products DS31256+ Datasheet HTML 148Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
144 of 183
10.2.4
Status Bits (PCMD1)
The upper word in the PCMD1 register is the status portion, which reports events as they occur. As mentioned
earlier, reads of the status portion occur normally, but writes are unique in that bits can only be reset (i.e., forced to
0). This occurs when a 1 is written to a bit position. Writes with a 0 to a bit position have no effect. This allows
individual bits to be reset.
Bits 16 to 20/Reserved. These read-only bits are forced to 0 by the device.
Bit 21/66MHz Capable (66MHz). This read-only bit is forced to 0 by the device to indicate that it is not capable
of running at 66MHz.
Bit 22/User-Definable Features Capable (UDF). This read-only bit is forced to 0 by the device to indicate that it
does not support user-definable features.
Bit 23/Fast Back-to-Back Capable Target (FBBCT). This read-only bit is forced to 1 by the device to indicate
that it is capable of accepting fast back-to-back transactions when the transactions are not from the same agent.
Bit 24/PCI Parity Error Reported (PARR). This read-only bit is forced to 0 by the device since the device
cannot act as a bus master.
Bits 25, 26/Device Timing Select Bits 0 and 1 (DTS0 and DTS1). These read-only bits are forced to 01b by the
device to indicate that they are capable of the medium timing requirements for the
PDEVSEL signal.
Bit 27/Target Abort Initiated (TABT). This read/write bit is set to 1 when the device terminates a bus
transaction with a target abort. This occurs only when the local bus is operating in the bus arbitration mode and the
local bus does not have bus control when the host requests access. This bit can be reset (set to 0) by the host by
writing a 1 to this bit.
Bit 28/Target Abort Detected by Master (TABTM). This read-only bit is forced to 0 by the device since the
device cannot act as a bus master.
Bit 29/Master Abort (MABT). This read-only bit is forced to 0 by the device since the device cannot act as a bus
master.
Bit 30/PCI System Error Reported (PSE). This read/write bit is set to 1 when the device asserts the
PSERR
signal (even if it is disabled through the PSEC command bit). This bit can be reset (set to 0) by the host by writing
1 to this bit.
Bit 31/PCI Parity Error Reported (PPE). This read/write bit is set to 1 when the device detects a parity error.
The host can reset this bit (set to 0) by writing a 1 to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com