Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 176 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 176 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 172Page - Maxim Integrated Products DS31256+ Datasheet HTML 173Page - Maxim Integrated Products DS31256+ Datasheet HTML 174Page - Maxim Integrated Products DS31256+ Datasheet HTML 175Page - Maxim Integrated Products DS31256+ Datasheet HTML 176Page - Maxim Integrated Products DS31256+ Datasheet HTML 177Page - Maxim Integrated Products DS31256+ Datasheet HTML 178Page - Maxim Integrated Products DS31256+ Datasheet HTML 179Page - Maxim Integrated Products DS31256+ Datasheet HTML 180Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
176 of 183
14.
REVISION HISTORY
REVISION
DESCRIPTION
112102
New product release.
073103
Corrected various typographical errors, including:
Lifted some usage restrictions
Changed maximum number of T1 links from 64 to 60
Added U12 as a Ground in Table 3-A.
Removed PCI t5 and VIH exceptions to PCI 2.1 compliance.
Changed 8191 to 8188 in Figure 9-1 to be dword consistent.
Changed Logic 1 minimum from 2.2V to 1.8V in Section 13.
Added typical supply current and increase the maximum in Section 13.
Added typical supply current and increase the maximum in Section 13.
Removed t5 compliance issue and added Note 16 in Section 13, PCI.
Added Chapter 15, Thermal Properties.
Updated recommended components in Section 17:Applications.
101104
Page 109: Removed “Chateau” from Figure 9-11.
Page 137, Bits 16 to 31/Device ID. These read-only bits identify the DS31256 as the device
being used. The device ID was assigned by Dallas Semiconductor and is fixed at 31256h. The
device ID is 3134, not 31256.
Page 142, Bits 16 to 31/Device ID. These read-only bits identify the DS31256 as the device
being used. The device ID was assigned by Dallas Semiconductor and is fixed at 31256h. The
device ID is 3134, not 31256.
Page 151: Section 11.1.2 Configuration Mode. Added info about how data cannot be passed
from the local bus to the PCI bus in this mode—The DS31256 PCI configuration registers
cannot be accessed via the PCI bus when the DS31256 is in Configuration mode (LMS=1). In
this mode no device registers are accessible via the PCI bus.
031405
Page 83: Added the last paragraph that states the DS31256 has no restrictions on the transmit
side, but lists the restrictions on the location and size of the receive buffers in host memory.
Page 90: Removed “Chateau” from Figure 9-2.
012506
Added lead-free package information to Ordering Information table (page 1).
Section 3.3: Local Bus Signal Description:
•
Removed sentence “These signals are sampled on the rising edge of LCLK to
determine the internal device configuration register that the external host wishes to
access.” from LA0 to LA19 description.
•
Removed sentence “In configuration mode (LMS = 1), this signal is sampled on the
rising edge of LCLK.” from
LWR(LR/W) description.
•
Removed sentence “In configuration mode (LMS = 1), this signal is sampled on the
rising edge of LCLK.” from
LRD(LDS) description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com