Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 22Page - Analog Devices ADE9153AACPZ Datasheet HTML 23Page - Analog Devices ADE9153AACPZ Datasheet HTML 24Page - Analog Devices ADE9153AACPZ Datasheet HTML 25Page - Analog Devices ADE9153AACPZ Datasheet HTML 26Page - Analog Devices ADE9153AACPZ Datasheet HTML 27Page - Analog Devices ADE9153AACPZ Datasheet HTML 28Page - Analog Devices ADE9153AACPZ Datasheet HTML 29Page - Analog Devices ADE9153AACPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 26 of 50
Digital to Frequency Conversion—CFx Output
The ADE9153A includes two pulse outputs on the CF1 and CF2
output pins that are proportional to the energy accumulation. The
block diagram of the CFx pulse generation is shown in Figure 50.
CF2 is multiplexed with ZX and DREADY.
Calibration Frequency (CF) Energy Select
ion
The CFxSEL bits in the CFMODE register select which type of
energy to output on the CFx pins. For example, with CF1SEL =
000b and CF2SEL = 100b, CF1 indicates the total active energy,
and CF2 indicates the fundamental reactive energy.
Configuring the CFx Pulse Width
The values of the CFx_LT and the CF_LTMR bits in the
CF_LCFG register determine the pulse width.
The maximum CFx with threshold (xTHR) = 0x00100000 and
CFxDEN = 2 is 78.9 kHz. It is recommended to leave xTHR at
the default value of 0x00100000.
CFx Pulse Sign
The CFxSIGN bits in the PHSIGN register indicate whether the
energy in the most recent CFx pulse is positive or negative. The
REVPCFx bits in the status register indicate if the CFx polarity
changed sign. This feature generates an interrupt on the IRQ pin.
Clearing the CFx Accumulator
To clear the accumulation in the digital to frequency converter
and CFDEN counter, write 1 to the CF_ACC_CLR bit in the
CONFIG1 register. The CF_ACC_CLR bit automatically clears
itself.
POWER QUALITY MEASUREMENTS
Zero-Crossing Detection
The ADE9153A offers zero-crossing detection on the voltage
and both current channels. The current and voltage channel
datapaths preceding the zero-crossing detection are shown in
Figure 51 and Figure 52.
Use the ZX_SRC_SEL bit in the CONFIG0 register to select
data before the high-pass filter or after phase compensation to
configure the inputs to zero-crossing detection. ZX_SRC_SEL =
0 by default after reset.
To provide protection from noise, voltage channel zero-crossing
events (ZXAV) do not generate if the absolute value of the LPF1
output voltage is smaller than the threshold, ZXTHRSH. The
current channel zero-crossing detection outputs, ZXAI and
ZXBI, are active for all input signals levels.
Calculate the zero-crossing threshold, ZXTHRSH, from the
following equation:
ZXTHRSH =
8
2
32
)
(
)
_
(
x
n
Attenuatio
LPF1
Scale
Full
at
WAV
V
where
V_WAV at Full Scale is ±37,282,702 decimal.
LPF1 Attenuation is 0.86 at 50 Hz, and 0.81 at 60 Hz.
x is the dynamic range below which the voltage channel zero
crossing must be blocked.
HPF
ZERO-CROSSING
DETECTION
LPF1
AVGAIN
PHASE
COMP
HPFDIS
ZX_SRC_SEL
AV_WAV
÷32
Figure 51. Voltage Channel Signal Path Preceding Zero-Crossing Detection
xIGAIN
HPF
PHASE
COMP
INTEGRATOR
HPFDIS
INTEN_BI
xI_WAV
ZX_SRC_SEL
ZX DETECTION
LPF1
÷32
Figure 52. Current Channel Signal Path Preceding Zero-Crossing Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com