Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 33Page - Analog Devices ADE9153AACPZ Datasheet HTML 34Page - Analog Devices ADE9153AACPZ Datasheet HTML 35Page - Analog Devices ADE9153AACPZ Datasheet HTML 36Page - Analog Devices ADE9153AACPZ Datasheet HTML 37Page - Analog Devices ADE9153AACPZ Datasheet HTML 38Page - Analog Devices ADE9153AACPZ Datasheet HTML 39Page - Analog Devices ADE9153AACPZ Datasheet HTML 40Page - Analog Devices ADE9153AACPZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 37 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x030
MS_ACAL_CFG
[31:7]
Reserved
Reserved.
0x0
R
6
AUTOCAL_AV
Enable autocalibration on the
voltage channel.
0x0
R/W
5
AUTOCAL_BI
Enable autocalibration on
Current Channel B.
0x0
R/W
4
AUTOCAL_AI
Enable autocalibration on
Current Channel A.
0x0
R/W
3
ACALMODE_BI
Current Channel B
autocalibration power mode.
0x0
R/W
0 Normal mode.
1 Turbo mode.
2
ACALMODE_AI
Current Channel A
autocalibration power mode.
0x0
R/W
0 Normal mode.
1 Turbo mode.
1
ACAL_RUN
Runs autocalibration as
configured in Bits[6:2]. The
ACAL_MODE bit must also
be set while running
autocalibration.
0x0
R/W
0
ACAL_MODE
This bit must be set when
running auto-calibration;
otherwise, autocalibration
does not run. All registers,
except for the auto-
calibration result registers,
are disabled when this bit is
set.
0x0
R/W
0x240
MS_STATUS_CURRENT
[31:1]
Reserved
Reserved.
0x0
R
0
MS_SYSRDYP
When this bit is set, the
mSure system is ready for a
run of autocalibration.
0x0
R
0x400
IPEAK
[31:27]
Reserved
Reserved.
0x0
R
[26:24]
IPPHASE
These bits indicate which
current channels generate
the IPEAKVAL value. Note
that the PEAKSEL[1:0] bits in
the CONFIG3 register
determine on which current
channel to monitor the peak
value. When IPPHASE,
Bit 0 is set to 1, Current
Channel A generates the
IPEAKVAL (Bits[23:0]) value.
Similarly, IPPHASE (Bit 1)
indicates that Current
Channel B generates the
peak value.
0x0
R
[23:0]
IPEAKVAL
The IPEAK register stores the
absolute value of the peak
current. IPEAK is equal to
xI_WAV/25.
0x0
R
0x401
VPEAK
[31:24]
Reserved
Reserved.
0x0
R
[23:0]
VPEAKVAL
The VPEAK register stores
the absolute value of the
peak voltage. VPEAK is equal
to AV_WAV/25.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com