Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 39Page - Analog Devices ADE9153AACPZ Datasheet HTML 40Page - Analog Devices ADE9153AACPZ Datasheet HTML 41Page - Analog Devices ADE9153AACPZ Datasheet HTML 42Page - Analog Devices ADE9153AACPZ Datasheet HTML 43Page - Analog Devices ADE9153AACPZ Datasheet HTML 44Page - Analog Devices ADE9153AACPZ Datasheet HTML 45Page - Analog Devices ADE9153AACPZ Datasheet HTML 46Page - Analog Devices ADE9153AACPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 43 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x425
CF_LCFG
[31:21]
Reserved
Reserved.
0x0
R
20
CF2_LT
If this bit is set, the CF2 pulse
width is determined by the
CF_LTMR register value. If this
bit is equal to zero, the active
low pulse width is set as
80 ms for frequencies lower
than 6.25 Hz.
0x0
R/W
19
CF1_LT
If this bit is set, the CF1
pulse width is determined
by the CF_LTMR register
value. See the CF2_LT
description.
0x0
R/W
[18:0]
CF_LTMR
If the CFx_LT bit in the
CF_LCFG register is set, this
value determines the active
low pulse width of the CFx
pulse.
0x0
R/W
0x471
TEMP_TRIM
[31:16]
TEMP_OFFSET
Offset of temperature
sensor, calculated during
the manufacturing process.
0x0
R
[15:0]
TEMP_GAIN
Gain of temperature sensor,
calculated during the
manufacturing process.
0x0
R
0x481
CONFIG1
15
EXT_REF
Set this bit if using an
external voltage reference.
0x0
R/W
14
DIP_SWELL_IRQ_MODE
This bit sets the interrupt
mode for dip/swell.
0x0
R/W
0 Receive continuous
interrupts after every
DIP_CYC/SWELL_CYC cycles.
1 Receive one interrupt when
entering dip/swell condition
and another interrupt when
exiting dip/swell condition.
[13:12]
Reserved
Reserved.
0x0
R
11
BURST_EN
Set this bit to enable burst
read functionality on the
registers. Note that this bit
disables the CRC being
appended to SPI register
reads.
0x0
R/W
10
Reserved
Reserved.
0x0
R
[9:8]
PWR_SETTLE
These bits configure the
time for the power and filter-
based rms measurements to
settle before starting the
power, energy, and CF
accumulations.
0x3
R/W
0 64 ms.
1 128 ms.
10 256 ms.
11 0 ms.
[7:6]
Reserved
Reserved.
0x0
R
5
CF_ACC_CLR
Set this bit to clear the
accumulation in the digital
to frequency converter and
the CFDEN counter. This bit
automatically clears itself.
0x0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com