Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 19Page - Analog Devices ADE9153AACPZ Datasheet HTML 20Page - Analog Devices ADE9153AACPZ Datasheet HTML 21Page - Analog Devices ADE9153AACPZ Datasheet HTML 22Page - Analog Devices ADE9153AACPZ Datasheet HTML 23Page - Analog Devices ADE9153AACPZ Datasheet HTML 24Page - Analog Devices ADE9153AACPZ Datasheet HTML 25Page - Analog Devices ADE9153AACPZ Datasheet HTML 26Page - Analog Devices ADE9153AACPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 23 of 50
High-Pass Filter
A high-pass filter removes dc offsets for accurate rms and energy
measurements. This filter is enabled by default and features a
corner frequency of 1.25 Hz.
To disable the high-pass filter on all current and voltage channels,
set the HPFDIS bit in the CONFIG0 register. The corner frequency
is configured with the HPF_CRN bits in the CONFIG2 register.
Digital Integrator
A digital integrator is included on Current Channel B for the
possibility of interfacing with a di/dt current sensor, also known
as Rogowski coils. It is important to take note that the integrator
cannot be used with any of the mSure functions. To configure
the digital integrator, use the INTEN_BI bits in the CONFIG0
register. The digital integrator is disabled by default.
Phase Compensation
The ADE9153A provides a phase compensation register for
each current channel: APHASECAL and BPHASECAL. The
phase calibration range is −15° to +2.25° at 50 Hz and −15° to
+2.7° at 60 Hz.
Use the following equation to calculate the xPHASECAL value
for a given phase correction (φ)° angle. Phase correction (φ)° is
positive to correct a current that lags the voltage, and negative
to correct a current that leads the voltage, as seen in a current
transformer.
xPHASECAL =
27
2
)
–
2
sin(
sin
)
–
sin(
ω = 2π × fLINE/fDSP
where:
fLINE is the line frequency.
fDSP = 4 kHz.
Voltage Channel
The ADE9153A has a single voltage channel with the datapath
shown in Figure 44. The AVGAIN register calibrates the voltage
channel and has the same scaling as the xIGAIN registers.
RMS and Power Measurements
The ADE9153A calculates total values of rms current, rms voltage,
active power, fundamental reactive power, and apparent power.
The algorithm for computing the fundamental reactive power
requires initialization of the network frequency using the
SELFREQ bit in the ACCMODE register and the nominal
voltage in the VLEVEL register.
Calculate the VLEVEL value according to the following
equation:
VLEVEL = x × 1,444,084
where x is the dynamic range of the nominal voltage input
signal with respect to full scale.
For example, if the signal is at ½ of full scale, x = 2. Therefore,
VLEVEL = 2 × 1,444,084
Total RMS
The ADE9153A offers total current and voltage rms measurements
on all channels. Figure 45 shows the datapath of the rms
measurements.
x2
15
xRMS_OS
xRMS
0
–0.064%
+0.064%
AV_WAV OR xI_WAV
VOLTAGE OR CURRENT
CHANNELWAVEFORM
LPF2
52725703
Figure 45. Filter-Based Total RMS Datapath
The total rms calculations, one for each channel (AIRMS,
BIRMS, and AVRMS), are updated every 4 kSPS. The xIRMS
value at full scale is 52,725,703 codes. The xVRMS value at full
scale is 26,362,852 codes. The total rms measurements can be
calibrated for gain and offset. Perform gain calibration on the
respective Current A voltage channel datapath with the xGAIN
registers. The following equation indicates how the offset
calibration registers modify the result in the corresponding
rms registers:
xRMS =
OS
xRMOS
xRMS
_
2
15
2
0
where xRMS0 is the initial xRMS register value before offset
calibration.
Total Active Power
The ADE9153A offers a total active power measurement. The
datapath for the total active power measurement is shown in
Figure 46.
APGAIN
AWATT_OS
AWATT
LPF2
CONFIG0.
DISAPLPF
AI_WAV
AV_WAV
ENERGY/
POWER/
CF ACCUMULATION
Figure 46. Total Active Power (AWATT) Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com