Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 29Page - Analog Devices ADE9153AACPZ Datasheet HTML 30Page - Analog Devices ADE9153AACPZ Datasheet HTML 31Page - Analog Devices ADE9153AACPZ Datasheet HTML 32Page - Analog Devices ADE9153AACPZ Datasheet HTML 33Page - Analog Devices ADE9153AACPZ Datasheet HTML 34Page - Analog Devices ADE9153AACPZ Datasheet HTML 35Page - Analog Devices ADE9153AACPZ Datasheet HTML 36Page - Analog Devices ADE9153AACPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 33 of 50
Address
Name
Description
Length
(Bits)
Reset
Access
0x210
BI_WAV
Instantaneous Phase B Current Channel waveform processed by
the DSP at 4 kSPS.
32
0x00000000
R
0x212
BIRMS
Phase B filter-based current rms value updated at 4 kSPS.
32
0x00000000
R
0x219
BIRMS_OC
Phase B Current fast rms calculation; one cycle rms updated every
half cycle.
32
0x00000000
R
0x220
MS_ACAL_AICC
Current Channel A mSure CC estimation from autocalibration.
32
0x00000000
R
0x221
MS_ACAL_AICERT
Current Channel A mSure certainty of autocalibration.
32
0x00000000
R
0x222
MS_ACAL_BICC
Current Channel B mSure CC estimation from autocalibration.
32
0x00000000
R
0x223
MS_ACAL_BICERT
Current Channel B mSure certainty of autocalibration.
32
0x00000000
R
0x224
MS_ACAL_AVCC
Voltage channel mSure CC estimation from autocalibration.
32
0x00000000
R
0x225
MS_ACAL_AVCERT
Voltage channel mSure certainty of autocalibration.
32
0x00000000
R
0x240
MS_STATUS_CURRENT
The MS_STATUS_CURRENT register contains bits that reflect the
present state of the mSure system.
32
0x00000000
R
0x241
VERSION_DSP
This register indicates the version of the ADE9153B DSP after the
user writes run = 1 to start measurements.
32
0x00000000
R
0x242
VERSION_PRODUCT
This register indicates the version of the product being used.
32
0x0009153A
R
0x39D
AWATT_ACC
Phase A accumulated total active power, updated after PWR_TIME
4 kSPS samples.
32
0x00000000
R
0x39E
AWATTHR_LO
Phase A accumulated total active energy, least significant bits
(LSBs). Updated according to the settings in the EP_CFG and
EGY_TIME registers.
32
0x00000000
R
0x39F
AWATTHR_HI
Phase A accumulated total active energy, most significant bits
(MSBs). Updated according to the settings in the EP_CFG and
EGY_TIME registers.
32
0x00000000
R
0x3B1
AVA_ACC
Phase A accumulated total apparent power, updated after
PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x3B2
AVAHR_LO
Phase A accumulated total apparent energy, LSBs. Updated
according to the settings in the EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x3B3
AVAHR_HI
Phase A accumulated total apparent energy, MSBs. Updated
according to the settings in the EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x3BB
AFVAR_ACC
Phase A accumulated fundamental reactive power. Updated after
PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x3BC
AFVARHR_LO
Phase A accumulated fundamental reactive energy, LSBs. Updated
according to the settings in the EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x3BD
AFVARHR_HI
Phase A accumulated fundamental reactive energy, MSBs. Updated
according to the settings in the EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x3EB
PWATT_ACC
Accumulated positive total active power from the AWATT register;
updated after PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x3EF
NWATT_ACC
Accumulated negative total active power from the AWATT
register; updated after PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x3F3
PFVAR_ACC
Accumulated positive fundamental reactive power from the
AFVAR register, updated after PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x3F7
NFVAR_ACC
Accumulated negative fundamental reactive power from the
AFVAR register, updated after PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x400
IPEAK
Current peak register.
32
0x00000000
R
0x401
VPEAK
Voltage peak register.
32
0x00000000
R
0x402
Status
Tier 1 interrupt status register.
32
0x00000000
R/W
0x405
Mask
Tier 1 interrupt enable register.
32
0x00000000
R/W
0x409
OI_LVL
Overcurrent RMS_OC detection threshold level.
32
0x00FFFFFF
R/W
0x40A
OIA
Phase A overcurrent RMS_OC value. If overcurrent detection on this
channel is enabled with OIA_EN in the CONFIG3 register and
AIRMS_OC is greater than the OILVL threshold, this value is updated.
32
0x00000000
R
0x40B
OIB
Phase B overcurrent RMS_OC value. See the OIA description.
32
0x00000000
R
0x40E
USER_PERIOD
User configured line period value used for RMS_OC when the
UPERIOD_SEL bit in the CONFIG2 register is set.
32
0x00500000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com