Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 28Page - Analog Devices ADE9153AACPZ Datasheet HTML 29Page - Analog Devices ADE9153AACPZ Datasheet HTML 30Page - Analog Devices ADE9153AACPZ Datasheet HTML 31Page - Analog Devices ADE9153AACPZ Datasheet HTML 32Page - Analog Devices ADE9153AACPZ Datasheet HTML 33Page - Analog Devices ADE9153AACPZ Datasheet HTML 34Page - Analog Devices ADE9153AACPZ Datasheet HTML 35Page - Analog Devices ADE9153AACPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 32 of 50
REGISTER INFORMATION
REGISTER SUMMARY
Table 8. Register Summary
Address
Name
Description
Length
(Bits)
Reset
Access
0x000
AIGAIN
Phase A current gain adjust.
32
0x00000000
R/W
0x001
APHASECAL
Phase A phase correction factor.
32
0x00000000
R/W
0x002
AVGAIN
Phase A voltage gain adjust.
32
0x00000000
R/W
0x003
AIRMS_OS
Phase A current rms offset for filter-based AIRMS calculation.
32
0x00000000
R/W
0x004
AVRMS_OS
Phase A voltage rms offset for filter-based AVRMS calculation.
32
0x00000000
R/W
0x005
APGAIN
Phase A power gain adjust for AWATT, AVA, and AFVAR calculations.
32
0x00000000
R/W
0x006
AWATT_OS
Phase A total active power offset correction for AWATT calculation.
32
0x00000000
R/W
0x007
AFVAR_OS
Phase A fundamental reactive power offset correction for AFVAR
calculation.
32
0x00000000
R/W
0x008
AVRMS_OC_OS
Phase A voltage rms offset for fast rms, AVRMS_OC calculation.
32
0x00000000
R/W
0x009
AIRMS_OC_OS
Phase A current rms offset for fast rms, AIRMS_OC calculation.
32
0x00000000
R/W
0x010
BIGAIN
Phase B current gain adjust.
32
0x00000000
R/W
0x011
BPHASECAL
Phase B correction factor.
32
0x00000000
R/W
0x013
BIRMS_OS
Phase B current rms offset for filter-based BIRMS calculation.
32
0x00000000
R/W
0x019
BIRMS_OC_OS
Phase B current rms offset for fast rms, BIRMS_OC calculation.
32
0x00000000
R/W
0x020
CONFIG0
DSP configuration register.
32
0x00000000
R/W
0x021
VNOM
Nominal phase voltage rms used in the calculation of apparent
power, AVA, when the VNOMA_EN bit is set in the CONFIG0 register.
32
0x00000000
R/W
0x022
DICOEFF
Value used in the digital integrator algorithm. If the integrator is
turned on, with INTEN_BI equal to 1 in the CONFIG0 register, it is
recommended to leave this register at the default value.
32
0x00000000
R/W
0x023
BI_PGAGAIN
PGA gain for Current Channel B ADC.
32
0x00000000
R/W
0x030
MS_ACAL_CFG
mSure autocalibration configuration register.
32
0x00000000
R/W
0x045
MS_AICC_USER
User input Current Channel A CC value for mSure initialization and
threshold calculation.
32
0x00000000
R/W
0x046
MS_BICC_USER
User input Current Channel B CC value for mSure initialization and
threshold calculation.
32
0x00000000
R/W
0x047
MS_AVCC_USER
User input Voltage Channel CC value for mSure initialization and
threshold calculation.
32
0x00000000
R/W
0x049
CT_PHASE_DELAY
Phase delay of the CT used on Current Channel B. This register is
in 5.27 format and expressed in degrees.
32
0x00000000
R/W
0x04A
CT_CORNER
Corner frequency of the CT. This value is calculated from the
CT_PHASE_DELAY value.
32
0x00000000
R/W
0x04C
VDIV_RSMALL
This register holds the resistance value, in Ω, of the small resistor
in the resistor divider.
32
0x00000000
R/W
0x200
AI_WAV
Instantaneous Current Channel A waveform processed by the DSP
at 4 kSPS.
32
0x00000000
R
0x201
AV_WAV
Instantaneous voltage channel waveform processed by the DSP
at 4 kSPS.
32
0x00000000
R
0x202
AIRMS
Phase A filter-based current rms value updated at 4 kSPS.
32
0x00000000
R
0x203
AVRMS
Phase A filter-based voltage rms value updated at 4 kSPS.
32
0x00000000
R
0x204
AWATT
Phase A low-pass filtered total active power updated at 4 kSPS.
32
0x00000000
R
0x206
AVA
Phase A total apparent power updated at 4 kSPS.
32
0x00000000
R
0x207
AFVAR
Phase A fundamental reactive power updated at 4 kSPS.
32
0x00000000
R
0x208
APF
Phase A power factor updated at 1.024 sec.
32
0x00000000
R
0x209
AIRMS_OC
Phase A current fast rms calculation; one cycle rms updated every
half cycle.
32
0x00000000
R
0x20A
AVRMS_OC
Phase A voltage fast rms calculation; one cycle rms updated every
half cycle.
32
0x00000000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com