Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 41Page - Analog Devices ADE9153AACPZ Datasheet HTML 42Page - Analog Devices ADE9153AACPZ Datasheet HTML 43Page - Analog Devices ADE9153AACPZ Datasheet HTML 44Page - Analog Devices ADE9153AACPZ Datasheet HTML 45Page - Analog Devices ADE9153AACPZ Datasheet HTML 46Page - Analog Devices ADE9153AACPZ Datasheet HTML 47Page - Analog Devices ADE9153AACPZ Datasheet HTML 48Page - Analog Devices ADE9153AACPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 45 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x493
CONFIG3
[15:4]
Reserved
Reserved.
0x0
R
[3:2]
PEAK_SEL
Peak detection phase
selection.
0x0
R/W
0 Phase A and Phase B
disabled from voltage and
current peak detection.
1 Phase A Voltage and current
peak detection enabled,
Phase B current peak
detection disabled.
10 Phase A voltage and current
peak detection disabled,
Phase B current peak
detection enabled.
11 Phase A and Phase B
enabled for voltage and
current peak detection.
1
OIB_EN
Overcurrent detection enable
for Current Channel B.
0x0
R/W
0
OIA_EN
Overcurrent detection enable
for Current Channel A.
0x0
R/W
0x49A
ZX_CFG
[15:1]
Reserved
Reserved.
0x0
R
0
DISZXLPF
Zero-crossing low-pass filter
disable.
0x0
R/W
0x49D
PHSIGN
[15:8]
Reserved
Reserved.
0x0
R
7
CF2SIGN
Sign of the power in the CF2
datapath. The CF2 energy is
positive if this bit is clear
and negative if this bit is set.
0x0
R
6
CF1SIGN
Sign of the power in the CF1
datapath. See the CF2SIGN
description.
0x0
R
[5:2]
Reserved
Reserved.
0x0
R
1
AVARSIGN
Phase A fundamental
reactive power sign bit. The
fundamental reactive power
is positive if this bit is clear
and negative if this bit is set.
0x0
R
0
AWSIGN
Phase A active power sign
bit. The active power is
positive if this bit is clear
and negative if this bit is set.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com