Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 5 Page - Analog Devices

  ADE9153AACPZ Datasheet HTML 1Page - Analog Devices ADE9153AACPZ Datasheet HTML 2Page - Analog Devices ADE9153AACPZ Datasheet HTML 3Page - Analog Devices ADE9153AACPZ Datasheet HTML 4Page - Analog Devices ADE9153AACPZ Datasheet HTML 5Page - Analog Devices ADE9153AACPZ Datasheet HTML 6Page - Analog Devices ADE9153AACPZ Datasheet HTML 7Page - Analog Devices ADE9153AACPZ Datasheet HTML 8Page - Analog Devices ADE9153AACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 5 of 50
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Channel Drift (PGA, ADC, Internal
Voltage Reference)
See the Terminology section
Current Channel A
±5
±30
ppm/°C
Current Channel B
±20
±50
ppm/°C
Voltage Channel
±20
±50
ppm/°C
Differential Input Impedance (DC)
See the Terminology section
Current Channel A
5000
7800
kΩ
Current Channel B
100
113
kΩ
Voltage Channel
240
256
kΩ
INTERNAL VOLTAGE REFERENCE
Nominal = 1.25 V ± 1 mV
Voltage Reference
1.25
V
TA = 25°C at REFIN
Temperature Coefficient
±5
±30
ppm/°C
TA = −40°C to +85°C; tested during device
characterization
TEMPERATURE SENSOR
Temperature Accuracy
±5
°C
−40°C to +85°C
Temperature Readout Step Size
0.3
°C
CRYSTAL OSCILLATOR
All specifications at CLKIN = 12.288 MHz; the crystal
oscillator is designed to interface with 100 μW crystals
Input Clock Frequency
12.287
12.288
12.289
MHz
±100 ppm
Internal Capacitance on CLKIN,
CLKOUT
4
pF
Internal Feedback Resistance
Between CLKIN and CLKOUT
2.58
MΩ
Transconductance (gm)
5
8.7
mA/V
EXTERNAL CLOCK INPUT
Input Clock Frequency, CLKIN
12.287
12.288
12.289
MHz
±100 ppm
Duty Cycle
45:55
50:50
55:45
CLKIN Logic Input Voltage
3.3 V tolerant
High, VINH
1.2
V
Low, VINL
0.5
V
LOGIC INPUTS—MOSI/RX, SCLK
Input Voltage
High, VINH
2.4
V
Low, VINL
0.8
V
Input Current, IIN
11
μA
VIN = 0 V
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS
MISO/TX, IRQ
Output Voltage
High, VOH
2.5
V
ISOURCE = 4 mA
Low, VOL
0.4
V
ISINK = 3 mA
Internal Capacitance, CIN
10
pF
CF1, CF2
Output Voltage
High, VOH
2.4
V
ISOURCE = 6 mA
Low, VOL
0.8
V
ISINK = 6 mA
Internal Capacitance, CIN
10
pF
LOW DROPOUT REGULATORS (LDOs)
AVDD
1.9
V
DVDD
1.7
V
VDD2P5
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com