Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 18Page - Analog Devices ADE9153AACPZ Datasheet HTML 19Page - Analog Devices ADE9153AACPZ Datasheet HTML 20Page - Analog Devices ADE9153AACPZ Datasheet HTML 21Page - Analog Devices ADE9153AACPZ Datasheet HTML 22Page - Analog Devices ADE9153AACPZ Datasheet HTML 23Page - Analog Devices ADE9153AACPZ Datasheet HTML 24Page - Analog Devices ADE9153AACPZ Datasheet HTML 25Page - Analog Devices ADE9153AACPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 22 of 50
CALIBRATION TIME TO REACH ACCURACY (Seconds)
0.600
0.500
0.400
0.300
0.353
0.200
0.250
0.100
0
50
150
200
1501:1
1001:1
619:1
Figure 41. Speed of Convergence for Autocalibration (Voltage Channel)
Based on the Potential Divider Ratio
MEASUREMENTS
Current Channel
The ADE9153A has two current channels. Channel A is optimized
for use with a shunt, and Channel B is for use with a current
transformer. The current channel datapaths for Channel A and
Channel B are shown in Figure 42 and Figure 43, respectively.
Current Channel Gain, xIGAIN
The ADE9153A provides current gain calibration registers,
AIGAIN and BIGAIN, with one register for each channel.
The current channel gain varies with xIGAIN, as shown in the
following equation:
Current Channel Gain =
 
27
2
1
xIGAIN
AI GAIN
HPF
REFERENCE
Σ-∆
MODULATOR
IAP
IAN
VIN
VIN
SINC4
LPF
4:1
ZERO-CROSSING
DETECTION
PHASE
COMP
HPFDIS
ZX_SRC_SEL
AI_WAV
TOTAL ACTIVE AND
FUNDAMENTAL REACTIVE
POWER CALCULATIONS
CURRENT PEAK
DETECTION
RMS_OC_SRC
ONE
CYCLE
RMS
RMS AND VA
CALCULATIONS
4kSPS
+1V
ANALOG INPUT RANGE
0V
–1V
VIN
+1/AI_PGAGAIN
ANALOG INPUT RANGE
0V
–1/AI_PGAGAIN
PGA
Figure 42. ADE9153A Current Channel A Datapath
BI GAIN
HPF
REFERENCE
Σ-∆
MODULATOR
IBP
VIN
VIN
IBN
SINC4
LPF
4:1
ZERO-CROSSING
DETECTION
PHASE
COMP
INTEGRATOR
HPFDIS
INTEN_BI
ZX_SRC_SEL
BI_WAV
CURRENT PEAK
DETECTION
ONE
CYCLE
RMS
RMS_OC_SRC
RMS
CALCULATIONS
4kSPS
+1.9V
ANALOG INPUT RANGE
0.9V
–0.1V
Figure 43. ADE9153A Current Channel B Datapath
AVGAIN
HPF
REFERENCE
Σ-∆
MODULATOR
VAP
VIN
VAN
SINC4
LPF
4:1
VOLTAGE PEAK
DETECTION
AV_WAV
ZERO-CROSSING
DETECTION
PHASE
COMP
HPFDIS
ZX_SRC_SEL
FUNDAMENTAL AND TOTAL
ACTIVE AND REACTIVE
POWER CALCULATIONS
ONE
CYCLE
RMS
RMS_OC_SRC
FUNDAMENTAL AND TOTAL
RMS, VA, THD
CALCULATIONS
4kSPS
VIN
1.3V
ANALOG INPUT RANGE
0.8V
0.3V
Figure 44. ADE9153A Voltage Channel Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com