Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 2Page - Analog Devices ADE9153AACPZ Datasheet HTML 3Page - Analog Devices ADE9153AACPZ Datasheet HTML 4Page - Analog Devices ADE9153AACPZ Datasheet HTML 5Page - Analog Devices ADE9153AACPZ Datasheet HTML 6Page - Analog Devices ADE9153AACPZ Datasheet HTML 7Page - Analog Devices ADE9153AACPZ Datasheet HTML 8Page - Analog Devices ADE9153AACPZ Datasheet HTML 9Page - Analog Devices ADE9153AACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 6 of 50
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
For specified performance
VDD Pin
2.97
3.63
V
Minimum = 3.3 V − 10%; maximum = 3.3 V + 10%
VDD Pin Current, IDD
9.3
12
mA
Consumption in operation, without mSure running
8.5
μA
When the ADE9153A is held in reset
AUTOCALIBRATION
VDD = 3.3 V, AGND = DGND = 0 V, on-chip reference, CLKIN = 12.288 MHz, TA = 25°C (typical), IMAX = 60 A rms, VNOM = 230 V,
RSHUNT_PHASE = 200 μΩ, turns ratio on CTNEUTRAL = 2500:1, burden on CTNEUTRAL = 16.4 Ω, and CTNEUTRAL voltage potential divider of 1000:1
(990 kΩ and 1 kΩ resistors), unless otherwise noted. The values in Table 2 are specified for the system described; if the shunt or voltage
potential divider is changed, the values in Table 2 change as well. For example, increasing the shunt value decreases the calibration time
required for the phase current channel; conversely, decreasing the shunt value increases the calibration time.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
AUTOCALIBRATION
TA = 25°C ±5 °C
Current Channel A (Phase Shunt)
Calibration Time
Turbo Mode
For more information on the power modes
and calibration times, see the mSure
Autocalibration Feature section
0.353% Accuracy Target
16
sec
0.25% Accuracy Target
45
sec
Normal Mode
0.353% Accuracy Target
40
sec
0.25% Accuracy Target
115
sec
Current Consumption
Additional consumption from 3.3 V supply
Turbo Mode
16
mA rms
With peak consumption of 33 mA
Normal Mode
9.3
mA rms
With peak consumption of 19 mA
Current Channel (Neutral CT)
Calibration Time
For more information, see the mSure
Autocalibration Feature section
0.5 % Accuracy Target,
Turbo Mode
12
sec
Normal Mode
20
sec
Current Consumption
Additional consumption from 3.3 V supply
Turbo Mode
16
mA rms
With peak consumption of 33 mA
Normal Mode
9.3
mA rms
With peak consumption of 19 mA
Voltage Channel
Calibration Time
For more information, see the mSure
Autocalibration Feature section
0.353% Accuracy Target
25
sec
0.25% Accuracy Target
85
sec
Current Consumption
<1
mA rms
Additional consumption from 3.3 V supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com