Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 48 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 42Page - Analog Devices ADE9153AACPZ Datasheet HTML 43Page - Analog Devices ADE9153AACPZ Datasheet HTML 44Page - Analog Devices ADE9153AACPZ Datasheet HTML 45Page - Analog Devices ADE9153AACPZ Datasheet HTML 46Page - Analog Devices ADE9153AACPZ Datasheet HTML 47Page - Analog Devices ADE9153AACPZ Datasheet HTML 48Page - Analog Devices ADE9153AACPZ Datasheet HTML 49Page - Analog Devices ADE9153AACPZ Datasheet HTML 50Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 48 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
3
Reserved
Reserved.
0x0
R
[2:0]
AI_GAIN
PGA gain for Current
Channel A.
0x0
R/W
10 Gain = 16.
11 Gain = 24.
100 Gain = 32.
101 Gain = 38.4.
0x4C0
MS_STATUS_IRQ
15
Reserved
Reserved.
0x0
R
14
MS_SYSRDY
This bit is set when a new
run of mSure is ready to be
enabled after a run of mSure
is disabled. A new run is
ready less than 1 sec after
disabling the previous run.
0x0
R
13
MS_CONFERR
This bit is set if there is an
invalid configuration of
mSure autocalibration. Fix
the configuration error and
try it running again.
0x0
R
12
MS_ABSENT
When this bit is set, mSure is
not detected on the channel
that was last enabled.
0x0
R
11
Reserved
Reserved.
0x0
R
10
Reserved
Reserved.
0x0
R
9
Reserved
Reserved.
0x0
R
8
Reserved
Reserved.
0x0
R
7
Reserved
Reserved.
0x0
R
6
Reserved
Reserved.
0x0
R
5
Reserved
Reserved.
0x0
R
4
Reserved
Reserved.
0x0
R
3
MS_TIMEOUT
This bit is set when mSure
times out after 600 sec.
0x0
R
2
Reserved
Reserved.
0x0
R
1
MS_READY
This bit is set when the
mSure result registers first
start to be populated (after
the 8 sec block). Then, this
bit is set every second for
when the value is updated
until mSure is stopped.
0x0
R
0
MS_SHIFT
This bit is set when there is a
shift in the mSure CC value
in the middle of a run,
meaning that the value
found for the xCC shifted
and another run of mSure
with the same settings must
be performed to verify the
shift.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com