Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153AACPZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 32Page - Analog Devices ADE9153AACPZ Datasheet HTML 33Page - Analog Devices ADE9153AACPZ Datasheet HTML 34Page - Analog Devices ADE9153AACPZ Datasheet HTML 35Page - Analog Devices ADE9153AACPZ Datasheet HTML 36Page - Analog Devices ADE9153AACPZ Datasheet HTML 37Page - Analog Devices ADE9153AACPZ Datasheet HTML 38Page - Analog Devices ADE9153AACPZ Datasheet HTML 39Page - Analog Devices ADE9153AACPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 36 of 50
REGISTER DETAILS
Table 9. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x020
CONFIG0
[31:10]
Reserved
Reserved.
0x0
R
9
Reserved
Reserved.
8
DISRPLPF
Set this bit to disable the
low-pass filter in the
fundamental reactive power
datapath.
0x0
R/W
7
DISAPLPF
Set this bit to disable the
low-pass filter in the total
active power datapath.
0x0
R/W
6
Reserved
Reserved.
0x0
R
5
VNOMA_EN
Set this bit to use the
nominal phase voltage rms,
VNOM, in the computation
of the Phase A total
apparent power, AVA.
0x0
R
4
RMS_OC_SRC
This bit selects the samples
used for the RMS_OC
calculation.
0x0
R
0 x_WAV waveforms after the
high-pass filter and phase
compensation.
1 ADC samples, before the
high-pass filter.
3
ZX_SRC_SEL
This bit selects whether data
going into the zero-crossing
detection circuit comes
before the high-pass filter
and phase compensation, or
afterwards.
0x0
R
0 After the high-pass filter and
phase compensation.
1 Before the high-pass filter
and phase compensation.
2
INTEN_BI
Set this bit to enable the
integrator on Current
Channel B.
0x0
R/W
1
RESERVED
Reserved.
0x0
R/W
0
HPFDIS
Set this bit to disable high-
pass filters in all current and
voltage channels.
0x0
R
0x023
BI_PGAGAIN
[31:0]
BI_GAIN
PGA gain for Current
Channel B.
0x0
R/W
0Gain = 1.
1Gain = 2.
10 Gain = 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com