Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 25 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 21Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 22Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 23Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 24Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 25Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 26Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 27Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 28Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
25
LTC4162-F
Rev A
For more information www.analog.com
OPERATION
be diluted to match it by placing a low drift resistor in
series with the thermistor and increasing the bias resis-
tor accordingly. (see Alternate Thermistors and Biasing
in Applications Information for details). If the application
does not require temperature controlled charging then the
thermistorshouldbereplacedwitharesistorofequalvalue
to bias resistor RNTCBIAS, for example, 100kΩ.
Advanced JEITA Temperature Controlled Charging
A control system is included to provide compliance
with the Japan Electronics and Information Technology
Industries Association guidelines on battery charging by
leaving en_jeita set to its default value of 1. Specifically,
a very flexible multi-point temperature-voltage-current
profile can be programmed into the LTC4162 to ensure
that charging parameters as a function of temperature
are used. Figure 1 and Table 6 illustrate default values
of the JEITA system available in the LTC4162. There are
sevendistincttemperatureregionsprogrammedbythesix
thermistor_voltage based temperature set points jeita_t1
through jeita_t6. For each of the temperature regions, the
charge current and charge voltage can be programmed
within the limits set by (VCSP – VCSN)/RSNSB (charge_cur-
rent_setting) and battery charge voltage (vcharge_set-
ting). When en_jeita is true, The JEITA system writes its
registers, icharge_jeita_2 through icharge_jeita_6 and
vcharge_jeita_2 through vcharge_jeita_6 to charge_cur-
rent_setting and vcharge_setting which are then passed
on to the icharge_dac and vcharge_dac.
Writingvaluestocharge_current_settingandvcharge_set-
ting with en_jeita set is futile as the JEITA system will
overwrite these values every 11ms.
The values for the JEITA registers are shown below. The
bold values in the tables are programmable. The jeita_t1
through jeita_t6 registers determine the thermistor_volt-
age values for the breakpoints between regions. Table 6
lists the default values of the JEITA charging parameters
along with example values of a 10kΩ thermistor with a β
value of 3490K. All of the temperature, voltage and current
settings can be modified for maximum flexibility.
Table 6. Tabular Representation of the JEITA system, Default JEITA Values and β = 3490K Equivalent Temperatures
jeita_region vcharge_jeita
Charge
Voltage
icharge_jeita
Charge
Current
JEITA
Temperature
thermistor_voltage
RNTC
Temp
R1
Charger Off
jeita_t1
16117
28215Ω
0°C
R2
15
3.60V
15
16mV/RSNSB
jeita_t2
14113
18290Ω
10°C
R3
15
3.60V
31
32mV/RSNSB
jeita_t3
7970
5751Ω
40°C
R4
7
3.50V
31
32mV/RSNSB
jeita_t4
7112
4832Ω
45°C
R5
7
3.50V
15
16mV/RSNSB
jeita_t5
6325
4080Ω
50°C
R6
3
3.45V
15
16mV/RSNSB
jeita_t6
4970
2948Ω
60°C
R7
Charger Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com