Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 33 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 33 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 29Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 30Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 31Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 32Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 33Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 34Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 35Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 36Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
LTC4162-F
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
time. If possible, the BATSENS+ pin should be connected
to the battery terminals with a separate Kelvin connection
from that of the current carrying inductor path. The bulk
load capacitor should be on the inductor side of this
connection, not the BATSENS+ side. A smaller ceramic
capacitor may additionally be added to the BATSENS+
pin near the LTC4162. A heavy copper run from the low
side of battery to the GND (paddle) of the LTC4162 is also
necessary to reduce resistance optimizing charging time.
Resistive Inputs and Test Equipment
Care must be exercised in the laboratory while evaluat-
ing the LTC4162 with inline ammeters. The combined
resistance of the internal current sense resistor and fuse
of many meters can be 0.5Ω or more. At currents of 3A+
it is possible to drop several volts across the meter and
wiring, possibly resulting in unusual voltage readings or
artificially high switch duty cycles. A resistive connection
to the source of input power can be particularly trouble-
some. With the undervoltage limit feature enabled, the
switching regulator output power will be automatically
reduced to prevent VIN from falling below its programmed
level. This feature greatly improves tolerance to resistive
input power sources (from either undersized wiring and
connectors or test equipment) and facilitates stable be-
havior, but if engaged, could result in much less power
delivery to the battery.
Solar Panel Input Impedance Correction
The maximum power point tracking algorithm uses the
LTC4162's input voltage regulation control loop to find
and operate at the maximum power point of the solar
panel. In general solar panels have two distinct regions of
operation roughly corresponding to constant voltage and
constant current. In its constant voltage region the panel
presents a somewhat low impedance and in its constant
current region a very high impedance. Figure 7 shows an
I-V characteristic collected from a brightly lit high quality
40W solar panel. Notice the very high impedance below
16V and fairly low impedance above 16V.
0
4
8
12
16
20
24
PANEL VOLTAGE (V)
0.0
0.4
0.8
1.2
1.6
2.0
4162F F07
CONSTANT CURRENT
CONSTANT VOLTAGE
Figure 7. High Quality 40W Solar Panel
When the driving impedance is at or below a few Ohms
the LTC4162's input voltage regulation loop is very stable.
However, in its attempt to find the maximum power point,
the LTC4162 drags the panel voltage down to its constant-
currenthighimpedanceregion.InthisregiontheLTC4162
input voltage control loop will become unstable. To avoid
instability and UVLO restarts the real input impedance of
the LTC4162 should be maintained at about 2.5Ω in the
1kHz to 10kHz band. To achieve this characteristic an R-C
network should be added to the solar panel. For example,
a lower quality 100μF to 1000μF capacitor plus a 2.5Ω
series resistor would make a good impedance correction
network as shown in Figure 8.
0.1µF
+
–
INFET CLP
VIN
2.5
CLN
LTC4162
4162F F08
150µF
+
Figure 8. Input Impedance Compensation Network
Figure 9 shows the driving impedance presented by the
combined solar panel plus 10μF bypass capacitor on VOUT
in both low impedance and high impedance solar panel
regions.Inthelowimpedanceregiontheaggregateimped-
ance characteristic is about one to three Ohms in parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com