Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 13Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 14Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 15Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 16Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 17Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 18Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 19Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 20Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
LTC4162-F
Rev A
For more information www.analog.com
OPERATION
temperature compensated charge voltages and currents,
maximum power point tracking, charger soft starting,
etc. The target value registers are read/write whereas the
actual DAC value registers, icharge_dac, vcharge_dac,
iin_limit_dac and input_undervoltage_dac are read only.
Due to its all NMOS switch design, a small charge pump
capacitor is required from SW to BOOST to provide high
side boosted drive for the top switch.
Input Current Regulation
Input current control limits loading on the input source
duringperiodsofhighsystemdemandbysacrificingcharge
current. Note that the LTC4162 only has the authority to
reduce charge current to zero and cannot further reduce
input current below the system load current. The input
current limit is controlled by a combination of the sense
resistor, RSNSI, from CLP to CLN and either the default
32mVservovoltageoralowervaluesetbyiin_limit_target.
The servo voltage across the sense resistor divided by the
resistor's value determines the input current regulation
set point. A 10mΩ resistor, for example, would have an
upper input current limit of 3.2A using the default 32mV
servo voltage. iin_limit_target has 6 bit resolution giving
adjustable values from 500µV to 32mV in 500µV steps and
can be calculated in Amperes, by the following expression:
IINLIM = (iin _ limit _ target + 1)
500μV
RSNSI
whereiin_limit_targetrangesfromintegervaluesof0to63.
Input Undervoltage Regulation and Solar Panel
Maximum Power Point Tracking (MPPT)
The LTC4162 also contains an undervoltage control loop
that allows it to tolerate a resistive connection to the input
power source by automatically reducing charge current
as the VIN pin drops to input_undervoltage_setting. This
circuit helps prevent UVLO oscillations by linearly regulat-
ing the input voltage above the LTC4162's undervoltage
lockout level.
Optionally, the LTC4162 includes a maximum power
point tracking (MPPT) algorithm to find and track the
input_undervoltage_dac value that delivers the maximum
charge current to the battery. If mppt_en is set, the MPPT
algorithm performs a global sweep of input_undervolt-
age_dac values, measuring battery charge current at each
setting. Once the sweep is complete, the LTC4162 applies
the input_undervoltage_dac value corresponding to the
maximum battery charge current ibat (i.e. the maximum
power point). The LTC4162 then tracks small changes
in the maximum power point by slowly dithering the
input_undervoltage_dac. The LTC4162 performs a new
global sweep of input_undervoltage_dac values every
15 minutes, applies the new maximum power point, and
resumes dithering at that point. Alternatively, the global
sweep will run immediately, bypassing the 15 minute wait,
if ibat changes by more that 25%. With mppt_en, a solar
panel can be used as a suitable power source for charg-
ing a battery and powering a load. The MPPT algorithm
may not work for all solar panel applications and does not
have to be used. Alternatively a solar panel can be used
without the MPPT algorithm by setting the input_under-
voltage_setting value to match the optimum loaded solar
panel voltage, but significant shadows or drops in light
will likely result in suboptimum power delivery.
Notethat,duetothePowerPathtopology,currentcanflow
from the input to the system load without being controlled
by the LTC4162's switching charger. Therefore, the MPPT
algorithm does not have full authority to track and find
the maximum power point under all conditions. To obtain
complete Maximum Power Point operation, it may be
necessary to forgo the Power Path feature of the LTC4162
and connect the system load directly to the battery pack. In
this configuration, the LTC4162 has full authority to track
the maximum power point of the solar panel.
The input under voltage value, in Volts, will be given by
the following expression:
VINLIM=(input_undervoltage_setting+1)•140.625mV
where input_undervoltage_setting ranges from integer
values of 0 to 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com