Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 3 Page - Analog Devices

  LTC4162EUFD-FST#PBF Datasheet HTML 1Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 2Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 3Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 4Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 5Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 6Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 7Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 8Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
LTC4162-F
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
BATSENS+, VIN, CSP, CSN, CLP,
CLN, VOUT, VOUTA.................................. −0.3V to 36V
CSP to CSN, CLP to CLN........................................±0.3V
CELLSO, CELLS1, SYNC ..................... −0.3V to INTVCC
DVCC ......................................................... −0.3V to 5.5V
SDA, SCL, SMBALERT............................. −0.3V to DVCC
ISW ....................................................................... ±3.5A
Operating Junction Temperature Range
(Notes 2, 4)............................................ −40 to 125°C
Storage Temperature Range ......................−65 to 150°C
(Note 1)
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm × 5mm) PLASTIC QFN
TJMAX = 125°C, θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
BOOST
INTVCC
VOUTA
CLN
CLP
INFET
VIN
VCC2P5
BATFET
CSP
CSN
BATSENS+
CELLS1
CELLS0
SYNC
DVCC
7
17
18
19
20
21
22
16
8
15
AGND
29
ORDER INFORMATION
PART NUMBER
PART
MARKING*
TAPE AND
REEL
TEMP
GRADE
DESCRIPTION
TEMPERATURE
RANGE
LTC4162EUFD-FAD#PBF
4162E
E
I2C Adjustable Voltage
–40°C to 125°C
LTC4162EUFD-FST#PBF
4162G
E
3.6V Fixed Voltage
–40°C to 125°C
LTC4162EUFD-FFS#PBF
4162F
E
3.8V Rapid Charge
–40°C to 125°C
LTC4162EUFD-FADM#PBF
4162P
E
I2C Adjustable Voltage MPPT ON
–40°C to 125°C
LTC4162EUFD-FSTM#PBF
4162S
E
3.6V Fixed Voltage MPPT ON
–40°C to 125°C
LTC4162EUFD-FFSM#PBF
4162R
E
3.8V Rapid Charge MPPT ON
–40°C to 125°C
LTC4162EUFD-FAD#TRPBF
4162E
✓
E
I2C Adjustable Voltage
–40°C to 125°C
LTC4162EUFD-FST#TRPBF
4162G
✓
E
3.6V Fixed Voltage
–40°C to 125°C
LTC4162EUFD-FFS#TRPBF
4162F
✓
E
3.8V Rapid Charge
–40°C to 125°C
LTC4162EUFD-FADM#TRPBF
4162P
✓
E
I2C Adjustable Voltage MPPT ON
–40°C to 125°C
LTC4162EUFD-FSTM#TRPBF
4162S
✓
E
3.6V Fixed Voltage MPPT ON
–40°C to 125°C
LTC4162EUFD-FFSM#TRPBF
4162R
✓
E
3.8V Rapid Charge MPPT ON
–40°C to 125°C
LTC4162IUFD-FAD#PBF
4162E
I
I2C Adjustable Voltage
–40°C to 125°C
LTC4162IUFD-FST#PBF
4162G
I
3.6V Fixed Voltage
–40°C to 125°C
LTC4162IUFD-FFS#PBF
4162F
I
3.8V Rapid Charge
–40°C to 125°C
LTC4162IUFD-FADM#PBF
4162P
I
I2C Adjustable Voltage MPPT ON
–40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com