Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 8Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 9Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 10Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 11Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 12Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 13Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 14Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 15Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
12
LTC4162-F
Rev A
For more information www.analog.com
BLOCK DIAGRAM
4162F BD
CLN
CLP
CSN
CSP
BATFET
DVCC
SMBALERT
SCL
SDA
CELLS0
CELLS1
VIN
INFET
BATSENS+
VBATDIV
VOUTDIV
VINDIV
I_BAT
I_IN
T_DIE
INTVCC
INTVCC
INTVCC
29R
R
NTCBIAS
NTC
SW
SW
VOUT
VOUT
BOOST
PGND
PGND
RT
SYNC
VOUTA
INTVCC
VCC2P5
AGND
29R
R
VOUTDIV
VREF
7
6
4
5
20
21
22
15
12
13
14
17
18
19
9
10
26
25
28
27
24
23
11
16
3
2
8
29
1
1.2V
+
–
+
–
–
+
37.5
PRESCALER
OSCILLATOR
INTVCC LDO
2.5V LDO
CHARGE
PUMP
CHARGE
PUMP
D/A
37.5
D/A
D/A
D/A
I2C
LOGIC
A/D
SWITCHING
REGULATOR
VINDIV
I_IN
I_BAT
VBATDIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com