Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 44 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 44 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 40Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 41Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 42Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 43Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 44Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 45Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 46Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 47Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
44
LTC4162-F
Rev A
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
vout_hi_alert
[6]
0
Alert that indicates that vout is above the value set by vout_hi_alert_limit. This alert bit
is cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_vout_hi_alert.
iin_hi_alert
[5]
0
Alert that indicates that iin is above the value set by iin_hi_alert_limit. This alert bit is
cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_iin_hi_alert.
ibat_lo_alert
[4]
0
Alert that indicates that ibat is below the value set by ibat_lo_alert_limit. This alert bit
is cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_ibat_lo_alert.
die_temp_hi_alert
[3]
0
Alert that indicates that die_temp is above the value set by die_temp_hi_alert_limit. This
alert bit is cleared by writing it back to 0 with the remaining bits in this register set to
1s. It can also be cleared by clearing en_die_temp_hi_alert.
bsr_hi_alert
[2]
0
Alert that indicates that bsr is above the value set by bsr_hi_alert_limit. This alert bit is
cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_bsr_hi_alert.
thermistor_
voltage_hi_alert
[1]
0
Alert that indicates that thermistor_voltage is above the value set by thermistor_voltage_
hi_alert_limit. This alert bit is cleared by writing it back to 0 with the remaining bits in
this register set to 1s. It can also be cleared by clearing en_thermistor_voltage_hi_alert.
thermistor_
voltage_lo_alert
[0]
0
Alert that indicates that thermistor_voltage is below the value set by thermistor_voltage_
lo_alert_limit. This alert bit is cleared by writing it back to 0 with the remaining bits in
this register set to 1s. It can also be cleared by clearing en_thermistor_voltage_lo_alert.
CHARGER_STATE_
ALERTS_REG
0x37
R
[12:0]
0
Alert that indicates that charger states have occurred. Individual bits are enabled by
EN_CHARGER_STATE_ALERTS_REG. Writing 0 to any bit while writing 1s to the
remaining bits clears that alert. Once set, alert bits remain high until cleared or disabled.
bat_detect_failed_
fault_alert
[12]
0
Alert that indicates a bat_detect_failed_fault. This alert bit is cleared by writing it back
to 0 with the remaining bits in this register set to 1s. It can also be cleared by clearing
en_bat_detect_failed_fault_alert.
battery_detection_
alert
[11]
0
Alert that indicates the battery charger is performing battery_detection. This alert bit is
cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_battery_detecttion_alert.
charger_
suspended_alert
[8]
0
Alert that indicates the battery charger is in the charger_suspended state. This alert bit
is cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_charger_suspended_alert.
cc_cv_charge_alert
[6]
0
Alert that indicates that the battery charge is in the cc_cv_charge phase. This alert bit
is cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_cc_cv_charge_alert.
ntc_pause_alert
[5]
0
Alert that indicates that the battery charger is in the ntc_pause state. This alert bit is
cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_ntc_pause_alert.
timer_term_alert
[4]
0
Alert that indicates that the battery charge is in the timer_term state. This alert bit is
cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_timer_term_alert.
c_over_x_term_
alert
[3]
0
Alert that indicates that the battery charge is in the c_over_x_term state. This alert bit
is cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_c_over_x_term_alert.
max_charge_time_
fault_alert
[2]
0
Alert that indicates that the battery charge is in the max_charge_time_fault state. This
alert bit is cleared by writing it back to 0 with the remaining bits in this register set to
1s. It can also be cleared by clearing en_max_charge_time_alert.
bat_missing_fault_
alert
[1]
0
Alert that indicates that a bat_missing_fault has been detected. This alert bit is cleared
by writing it back to 0 with the remaining bits in this register set to 1s. It can also be
cleared by clearing en_bat_missing_fault_alert.
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com