Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 22Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 23Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 24Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 25Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 26Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 27Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 28Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 29Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
26
LTC4162-F
Rev A
For more information www.analog.com
OPERATION
−10
0
10
20
30
40
50
60
70
TEMPERATURE (°C)
3.40
3.45
3.50
3.55
3.60
3.65
4162F F01a
Default JEITA Charge Voltage Profile
−10
0
10
20
30
40
50
60
70
TEMPERATURE(°C)
0
8
16
24
32
40
4162F F01b
Default JEITA Charge Current Profile
Servo Voltage (V
-V
)
CSP CSN
Figure 1. Default JEITA Temperature Profile Gives A Graphical
Representation of the Seven JEITA Regions, the Six Breakpoint
and the Default Values
Battery Charger Termination and Full Charge
Indication (C/x)
The LTC4162 supports several battery charge termination
methods.
Ifenabled,amaximumelapsedchargetimetimerisstarted
at the beginning of each charge cycle and, upon achieving
constant_voltageregulation,aconstant-voltagetimermay
also be started. At the expiration of either of these tim-
ers, charging of the battery will discontinue and no more
current will be delivered. The elapsed time timer expires
when tchargetimer reaches max_charge_time and the
constant-voltage timer expires in constant_voltage when
tcvtimer reaches max_cv_time. Default max_cv_time is
3600 seconds (1 hour). To set different timer expiration
values, max_charge_time and max_cv_time are both
adjustable. The resolution of max_cv_time is 1 second/
LSB and for max_charge_time it is 1 minute/LSB.
tcvtimer can be read back to determine the cummulative
time in constant_voltage regulation. max_cv_time is a 16
bit unsigned value ranging from 0 to 65535 seconds (~18
hours). tchargetimer, the total charge time safety timer,
can be read back at any time to determine the elapsed time
sincethebeginningofthischargecycle.max_charge_time
is a 16 bit unsigned value at 1 minute per LSB ranging
from 0 to 65535 minutes (~45 days). The tchargetimer
is disabled when max_charge_time is left at its default
value of 0. To enable the tchargetimer write a non 0 value
to max_charge_time.
max_charge_time_faultindicatesthatcharginghastermi-
nated due to tchargetimer reaching max_charge_time and
timer_term indicates that charging has terminated due to
tcvtimer reaching max_cv_time. The max_charge_time_
fault will persist until either the battery voltage drops to
less than 35% of its target voltage setting, whereupon a
new charge cycle begins and the tchargetimer resets, or
a power cycle occurs resetting the entire charger state
machine. A normal termination such as timer_term
or c_over_x_term also resets tchargetimer. Finally, the
max_charge_time_fault is cleared upon abnormal condi-
tionssuchastheinputvoltagefallingbelowtheBATSENS+
pin voltage, suspend_charger or if any another system
fault occurs: not intvcc_gt_2p8v, not vin_gt_4p2v, not
vin_gt_vbat, thermal_shutdown, no_rt or cell_count_err.
Alternately, if en_c_over_x_term is set, the LTC4162 will
also terminate charging once constant_voltage is reached
and ibat has naturally dropped to the c_over_x_threshold.
The default c_over_x_threshold value of c_over_10 is a
good indication that the battery has reached a nearly full
state of charge. The c_over_x_threshold is adjustable via
the I2C port. If en_c_over_x_term is set, charging will
terminate at the first of either c_over_x_term, timer_term
ormax_charge_time_fault.Theconstant_voltagetimerter-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com