Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 41 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 41 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 37Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 38Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 39Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 40Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 41Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 42Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 43Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 44Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
41
LTC4162-F
Rev A
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
jeita_t3
0x21
R/W
[15:0]
7970
Signed number that sets the JEITA temperature region transition temperature T3 between
JEITA regions R3 and R4. The temperature is based on the thermistor reading from the
telemetrysystem;RNTC=RNTCBIAS×(21829-thermistor_voltage)/thermistor_voltage.
Recall that the thermistor has a negative temperature coefficient so jeita_t1, representing
colder temperatures, will have the highest value and jeita_t6, representing warmer
temperatures, will have the lowest value. The default value of 7970 maps to about 40°C
for the expected thermistor β value of 3490K.
jeita_t4
0x22
R/W
[15:0]
7112
Signed number that sets the JEITA temperature region transition temperature T4 between
JEITA regions R3 and R4. The temperature is based on the thermistor reading from the
telemetrysystem;RNTC=RNTCBIAS×(21829-thermistor_voltage)/thermistor_voltage.
Recall that the thermistor has a negative temperature coefficient so jeita_t1, representing
colder temperatures, will have the highest value and jeita_t6, representing warmer
temperatures, will have the lowest value. The default value of 7112 maps to about 45°C
for the expected thermistor β value of 3490K.
jeita_t5
0x23
R/W
[15:0]
6325
Signed number that sets the JEITA temperature region transition temperature T5 between
JEITA regions R5 and R6. The temperature is based on the thermistor reading from the
telemetrysystem;RNTC=RNTCBIAS×(21829-thermistor_voltage)/thermistor_voltage.
Recall that the thermistor has a negative temperature coefficient so jeita_t1, representing
colder temperatures, will have the highest value and jeita_t6, representing warmer
temperatures, will have the lowest value. The default value of 6325 maps to about 50°C
for the expected thermistor β value of 3490K.
jeita_t6
0x24
R/W
[15:0]
4970
Signed number that sets the JEITA temperature region transition temperature T6 between
JEITA regions R6 and R7. The temperature is based on the thermistor reading from the
telemetrysystem;RNTC=RNTCBIAS×(21829-thermistor_voltage)/thermistor_voltage.
Recall that the thermistor has a negative temperature coefficient so jeita_t1, representing
colder temperatures, will have the highest value and jeita_t6, representing warmer
temperatures, will have the lowest value. The default value of 4970 maps to about 60°C
for the expected thermistor β value of 3490K.
VCHARGE_
JEITA_6_5_REG
0x25
R/W
[9:0]
103
vcharge_setting values for JEITA temperature regions jeita_t6 and jeita_t5
vcharge_jeita_6
[9:5]
3
SetsthechargevoltagetobeusedinJEITAregion6asillustratedintheJEITATemperature
QualifiedChargingsection.Thevaluecorrespondstovcharge_settingandcanbecalculated
using vcharge_jeita_6 × 12.5mV + 3.4125V. The default value of 3 corresponds to 3.45V.
vcharge_jeita_5
[4:0]
7
SetsthechargevoltagetobeusedinJEITAregion5asillustratedintheJEITATemperature
QualifiedChargingsection.Thevaluecorrespondstovcharge_settingandcanbecalculated
using vcharge_jeita_5 × 12.5mV + 3.4125V. The default value of 7 corresponds to 3.5V.
VCHARGE_
JEITA_4_3_2_REG
0x26
R/W
[14:0]
7663
vcharge_setting values for JEITA temperature regions jeita_t4, jeita_t3, and jeita_t2
vcharge_jeita_4
[14:10] 7
SetsthechargevoltagetobeusedinJEITAregion4asillustratedintheJEITATemperature
QualifiedChargingsection.Thevaluecorrespondstovcharge_settingandcanbecalculated
using vcharge_jeita_4 × 12.5mV + 3.4125V. The default value of 7 corresponds to 3.5V.
vcharge_jeita_3
[9:5]
15
SetsthechargevoltagetobeusedinJEITAregion3asillustratedintheJEITATemperature
QualifiedChargingsection.Thevaluecorrespondstovcharge_settingandcanbecalculated
using vcharge_jeita_3 × 12.5mV + 3.4125V. The default value of 15 corresponds to 3.6V.
vcharge_jeita_2
[4:0]
15
SetsthechargevoltagetobeusedinJEITAregion2asillustratedintheJEITATemperature
QualifiedChargingsection.Thevaluecorrespondstovcharge_settingandcanbecalculated
using vcharge_jeita_2 × 12.5mV + 3.4125V. The default value of 15 corresponds to 3.6V.
ICHARGE_
JEITA_6_5_REG
0x27
R/W
[9:0]
495
charge_current_setting values for JEITA temperature regions jeita_t6 and jeita_t5
icharge_jeita_6
[9:5]
15
SetsthechargecurrenttobeusedinJEITAregion6asillustratedintheJEITATemperature
Qualified Charging section. The value corresponds to charge_current_setting where the
charge current can be calculated using (icharge_jeita_6 + 1) × 1mV / RSNSB. The default
valueof15correspondstoaVCSP-VCSNservovoltageof16mVwhichishalfscaleorC/2.
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com