Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 37 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 37 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 33Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 34Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 35Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 36Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 37Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 38Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 39Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 40Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37
LTC4162-F
Rev A
For more information www.analog.com
REGISTER DESCRIPTIONS
Symbol Name
Command
Code
Access
Bit
Range
Default Description
thermistor_
voltage_hi_alert_
limit
0x0B
R/W
[15:0]
0
Signed number that sets an upper limit that can be used to trigger an interrupt based on
thermistor value out of range. The value is based on the A/D value for thermistor_voltage.
The thermistor value can be determined by the expression RNTC = RNTCBIAS × (21829
- thermistor_voltage) / thermistor_voltage. Recall that the thermistor has a negative
temperature coefficient so higher temperatures correspond to lower thermistor_voltage
readings and vice-versa. The alert is enabled by setting en_thermistor_voltage_hi_alert
can be read back and cleared at thermistor_voltage_hi_alert.
thermistor_
voltage_lo_alert_
limit
0x0C
R/W
[15:0]
0
Signed number that sets a lower limit that can be used to trigger an interrupt based on
thermistor value out of range. The value is based on the A/D value for thermistor_voltage.
The thermistor value can be determined by the expression RNTC = RNTCBIAS × (21829
- thermistor_voltage) / thermistor_voltage. Recall that the thermistor has a negative
temperature coefficient so higher temperatures correspond to lower thermistor_voltage
readings and vice-versa. The alert is enabled by setting en_thermistor_voltage_lo_alert
and can be read back and cleared at thermistor_voltage_lo_alert.
EN_LIMIT_
ALERTS_REG
0x0D
R/W
[15:0]
0
Enable limit monitoring and alert notification via SMBALERT
en_telemetry_
valid_alert
[15]
0
To ensure high measurement accuracy, the telemetry system in the LTC4162 has a
nominal start-up time of approximately 12ms. Setting this interrupt request causes
an SMBALERT telemetry_valid_alert when telemetry_valid indicates that the telemetry
system's readings are valid. Note that the switching battery charger will not operate until
this telemetry system warmup period has passed, regardless of the state of this setting.
en_bsr_done_alert
[14]
0
Interrupt request that causes an SMBALERT upon bsr_done_alert when the bsr (battery-
series-resistance) measurement is finished.
en_vbat_lo_alert
[11]
0
Interrupt request that causes an SMBALERT upon vbat_lo_alert when vbat is below
vbat_lo_alert_limit.
en_vbat_hi_alert
[10]
0
Interrupt request that causes an SMBALERT upon vbat_hi_alert when vbat is above
vbat_hi_alert_limit.
en_vin_lo_alert
[9]
0
Interrupt request that causes an SMBALERT upon vin_lo_alert when vin is below
vin_lo_alert_limit.
en_vin_hi_alert
[8]
0
Interrupt request that causes an SMBALERT upon vin_hi_alert when vin is above
vin_hi_alert_limit.
en_vout_lo_alert
[7]
0
Interrupt request that causes an SMBALERT upon vout_lo_alert when vout is below
vout_lo_alert_limit.
en_vout_hi_alert
[6]
0
Interrupt request that causes an SMBALERT upon vout_hi_alert when vout is above
vout_hi_alert_limit.
en_iin_hi_alert
[5]
0
Interrupt request that causes an SMBALERT upon iin_hi_alert when iin is above
iin_hi_alert_limit.
en_ibat_lo_alert
[4]
0
Interrupt request that causes an SMBALERT upon ibat_lo_alert when ibat is below
ibat_lo_alert_limit.
en_die_temp_hi_
alert
[3]
0
Interrupt request that causes an SMBALERT upon die_temp_hi_alert when die_temp is
above die_temp_hi_alert_limit.
en_bsr_hi_alert
[2]
0
Interrupt request that causes an SMBALERT upon bsr_hi_alert when bsr is above
bsr_hi_alert_limit.
en_thermistor_
voltage_hi_alert
[1]
0
Interrupt request that causes an SMBALERT upon thermistor_voltage_hi_alert when
thermistor_voltageisabovethermistor_voltage_hi_alert_limit.Recallthatthethermistor
hasanegativetemperaturecoefficientsohigherthermistor_voltagereadingscorrespond
to lower temperatures.
en_thermistor_
voltage_lo_alert
[0]
0
Interrupt request that causes an SMBALERT upon thermistor_voltage_lo_alert when
thermistor_voltageisbelowthermistor_voltage_lo_alert_limit.Recallthatthethermistor
has a negative temperature coefficient so lower thermistor_voltage readings correspond
to higher temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com