Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 4 Page - Analog Devices

  LTC4162EUFD-FST#PBF Datasheet HTML 1Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 2Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 3Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 4Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 5Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 6Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 7Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 8Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
LTC4162-F
Rev A
For more information www.analog.com
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
System Voltages and Currents
VIN
Input Supply Voltage
l
4.5
35
V
VBAT
Battery Voltage
l
2.7
35
V
IBATSENS+
Battery Drain Current
VIN – VBATSENS+ > VIN_DUVLO, Terminated
VIN – VBATSENS+ < VIN_DUVLO
VIN = 0, SHIPMODE Activated
0.5
54
2.8
1
100
5
µA
µA
µA
IVIN
VIN Drain Current
VIN – VBATSENS+ > VIN_DUVLO, Terminated
115
200
µA
Switching Battery Charger
VCHARGE
Range
Resolution (5 Bits)
Accuracy
Per cell_count
l
–0.5
–1.5
3.4125–3.8
12.5
0.5
1.5
V
mV
%
%
ICHARGE
Servo Voltage
(VCSP – VCSN)
Range
Resolution (5 Bits)
Accuracy
ICHARGE = (VCSP – VCSN)/RSNSB
Note 5
l
–0.25
–0.75
1–32
1
0.25
0.75
mV
mV
mV
mV
IINLIM
Servo Voltage
(VCLP – VCLN)
Range
Resolution (6 Bits)
Accuracy
IIN = (VCLP – VCLN)/RSNSI
Note 6
–0.2
0.5–32
0.5
0.2
mV
mV
mV
VINLIM
Range
Resolution (8 Bits)
Full Scale Accuracy
–1
0.14–36
140.625
1
V
mV
%
The l denotes the specifications which apply over the full specified
operating junction temperature range, otherwise specifications are at TA = 25°C (Note 4). VIN = 18V, DVCC = 3.3V, RSNSI = 10mΩ,
RSNSB = 10mΩ unless otherwise noted.
PART NUMBER
PART
MARKING*
TAPE AND
REEL
TEMP
GRADE
DESCRIPTION
TEMPERATURE
RANGE
LTC4162IUFD-FSTM#PBF
4162S
I
3.6V Fixed Voltage MPPT ON
–40°C to 125°C
LTC4162IUFD-FFSM#PBF
4162R
I
3.8V Rapid Charge MPPT ON
–40°C to 125°C
LTC4162IUFD-FAD#TRPBF
4162E
✓
I
I2C Adjustable Voltage
–40°C to 125°C
LTC4162IUFD-FST#TRPBF
4162G
✓
I
3.6V Fixed Voltage
–40°C to 125°C
LTC4162IUFD-FFS#TRPBF
4162F
✓
I
3.8V Rapid Charge
–40°C to 125°C
LTC4162IUFD-FADM#TRPBF
4162P
✓
I
I2C Adjustable Voltage MPPT ON
–40°C to 125°C
LTC4162IUFD-FSTM#TRPBF
4162S
✓
I
3.6V Fixed Voltage MPPT ON
–40°C to 125°C
LTC4162IUFD-FFSM#TRPBF
4162R
✓
I
3.8V Rapid Charge MPPT ON
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com