Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 49 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 44Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 45Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 46Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 47Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 48Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 49Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 50Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 51Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49
LTC4162-F
Rev A
For more information www.analog.com
TYPICAL APPLICATIONS
9V to 35V 2-Cell 3.2A Charger with PowerPath and 2A Input Limit
1µF
4.7µF
22nF
0.1µF
10µF
10µF
10k
10m
MN2
MN1
16m
L1 6.8µH
63.4k
INFET CLP
VOUTA
SYNC
CELLS0
CELLS1
VIN
VIN
CLN
SMBALERT
DVCC
SCL
SDA
16
17
18
12
15
13
14
BOOST
SW
CSP
BATFET
CSN
BATSENS+
NTCBIAS
NTC
1
25, 26
21
22
20
19
9
10
AGND
PGND
RT
INTVCC
VCC2P5
29
23, 24
11
2
8
LTC4162-F
VOUT
6
5
3
7
4
27, 28
VOUT
µCONTROLLER
MN1, MN2: FDMC8327L
R1: NTCS0402E3103FLT
L1: XAL6060-682MEC
4162F TA03
T R1
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com