Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162EUFD-FST#PBF Datasheet(PDF) 46 Page - Analog Devices

Part # LTC4162EUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#PBF Datasheet(HTML) 46 Page - Analog Devices

Back Button LTC4162EUFD-FST#PBF Datasheet HTML 42Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 43Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 44Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 45Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 46Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 47Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 48Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 49Page - Analog Devices LTC4162EUFD-FST#PBF Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
46
LTC4162-F
Rev A
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
ibat
0x3D
R
[15:0]
0
Signed number that indicates the A/D measurement for the battery current. The value
is based on the A/D scaling factor for the charge current measurement (VCSP - VCSN)
whichis1.466µV/RSNSBamperes/LSB.Ifthechargerisnotenabledthevaluerepresents
drain on the battery and will be negative.
iin
0x3E
R
[15:0]
0
Signed number that indicates the A/D measurement for the input current (VCLP - VCLN).
The value is based on the A/D scaling factor for the input current measurement which
is 1.466µV / RSNSI amperes/LSB.
die_temp
0x3F
R
[15:0]
0
Signed number that indicates the A/D measurement for the die temperature. The value
can be calculated from the A/D reading in °C as TDIE(°C) = die_temp × 0.0215°C/
LSB - 264.4°C.
thermistor_voltage 0x40
R
[15:0]
0
SignednumberthatindicatestheA/DmeasurementfortheNTCpinvoltage.Thethermistor
value can be determined by the expression RNTC = RNTCBIAS × thermistor_voltage
/ (21829 - thermistor_voltage). Recall that the thermistor has a negative temperature
coefficientsohighertemperaturesmakelowerthermistor_voltagereadingsandvice-versa.
Enum: open_thermistor = 21684
bsr
0x41
R
[15:0]
0
IndicatestheA/Dmeasurementfortheper-cellbatteryresistance.Thebatteryresistanceis
relative to the battery charge current setting resistor, RSNSB, and can be computed in Ω
fromcell_count×bsr×RSNSB/500.Ifthechargecurrent,ibat,isbelowicharge_over_10,
bsr_questionable will be set.
jeita_region
0x42
R
[2:0]
0
Indicates the LTC4162 JEITA battery temperature region containing the thermistor_
voltage. The temperature region consists of the values bounded by the transition
temperatures jeita_t(R-1) and jeita_t(R). Recall that the thermistor has a negative
temperature coefficient so higher temperatures make lower thermistor_voltage readings
and vice-versa. JEITA temperature-controlled charging is active only when en_jeita is
at its default value of 1. JEITA regions R7 (jeita_region = 7) and R1 (jeita_region = 1)
indicate that the thermistor_voltage (battery temperature) is out of range for charging
and therefore charging is paused (ntc_pause). The transition temperatures are set by
jeita_t1 through jeita_t6.
Enums: R7 = 7,
R6 = 6,
R5 = 5,
R4 = 4,
R3 = 3,
R2 = 2,
R1 = 1
CHEM_CELLS_REG 0x43
R
[11:0]
0
Programmed battery chemistry
chem
[11:8]
0
Indicates the chemistry of the battery being charged. For additional safety, application
softwarecantestthisvaluetoensurethatthecorrectversionoftheLTC4162(LTC4162-L,
LTC4162-F or LTC4162-S) is populated on the circuit board.
Enums: LTC4162_LAD = 0,
LTC4162_L42 = 1,
LTC4162_L41 = 2,
LTC4162_L40 = 3,
LTC4162_FAD = 4,
LTC4162_FFS = 5,
LTC4162_FST = 6,
LTC4162_SST = 8,
LTC4162_SAD = 9
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com