Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1851ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP1851
Data Sheet
Rev. B | Page 4 of 24
SPECIFICATIONS
All limits at temperature extremes, TJMIN and TJMAX, are guaranteed via correlation using standard statistical quality control (SQC). VIN =
12 V. The specifications are valid for TJ = −40°C to +125°C, unless otherwise specified. Typical values are at TA = 25°C.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Input Voltage
VIN
2.75
20
V
Undervoltage Lockout Threshold
UVLOTRSH
VIN rising
2.55
2.65
2.75
V
VIN falling
2.35
2.45
2.50
V
Undervoltage Lockout Hysteresis
UVLOHYST
0.2
V
Quiescent Current
IIN
EN = VIN = 12 V, VCOMP = 0.6 V in forced pulse-
width modulation (PWM) mode (not
switching), SYNC = VCCO
4.2
5.7
mA
EN = VIN = 12 V, VCOMP = 0.6 V in PSM mode,
SYNC = AGND
2.5
mA
Shutdown Current
IIN_SD
EN = AGND, VIN = 5.5 V or 20 V
100
200
µA
ERROR AMPLIFIER
FB Input Bias Current
IFB
−100
+1
+100
nA
Open-Loop Gain1
80
dB
Gain Bandwidth Product1
20
MHz
CURRENT SENSE AMPLIFIER GAIN
ACS
Current sense gain resistor connected
between DL and PGND, RCSG = 47 kΩ ± 5%
2.6
3
3.4
V/V
Current sense gain resistor connected
between DL and PGND, RCSG = 22 kΩ ± 5%
5.2
6
6.8
V/V
Default setting, RCSG = open
10.5
12
13.5
V/V
Voltage mode operation, resistor connected
between DL and PGND, RCSG = 100 kΩ ± 5%
0
V/V
OUTPUT CHARACTERISTICS
Feedback Accuracy Voltage
VFB
TJ = −40°C to +85°C
597
600
603
mV
TJ = −40°C to +125°C
594
600
606
mV
Line Regulation of PWM
VFB/VIN
±0.015
%/V
Load Regulation of PWM1
VFB/VCOMP
VCOMP range = 0.9 V to 2.2 V
±0.3
%
OSCILLATOR
Frequency
fOSC
RFREQ = 332 kΩ to AGND
170
200
230
kHz
RFREQ = 78.7 kΩ to AGND
720
800
880
kHz
RFREQ = 40.2 kΩ to AGND
1275
1500
1725
kHz
FREQ connected to AGND
240
300
360
kHz
FREQ connected to VCCO
480
600
720
kHz
SYNC Input Frequency Range1
fSYNC
RFREQ range from 332 kΩ to 40.2 kΩ
170
1725
kHz
SYNC Input Pulse Width1
tSYNCMIN
100
ns
SYNC Pin Capacitance to AGND
CSYNC
5
pF
LINEAR REGULATOR
VCCO Output Voltage
IVCCO = 100 mA
4.7
5.0
5.3
V
VCCO Load Regulation
IVCCO = 0 mA to 100 mA
35
mV
VCCO Line Regulation
VIN = 5.5 V to 20 V, IVCCO = 20 mA
10
mV
VCCO Current Limit1
VCCO drops to 4 V from 5 V
350
mA
VCCO Short-Circuit Current1
VCCO < 0.5 V
370
400
mA
VIN to VCCO Dropout Voltage2
VDROPOUT
IVCCO = 100 mA, VIN ≤ 5 V
0.33
V
LOGIC INPUTS
EN Threshold Voltage
EN rising
0.57
0.63
0.68
V
EN Hysteresis
0.03
V
EN Input Leakage Current
IEN
VIN = 2.75 V to 20 V
1
200
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com