Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1851ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP1851
Rev. B | Page 13 of 24
SYNCHRONOUS RECTIFIER AND DEAD TIME
In the ADP1851, the antishoot-through circuit monitors the
DH to SW and DL to PGND voltages and adjusts the low-side
and high-side drivers to ensure break-before-make switching
that prevents cross-conduction or shoot-through between the
high-side and low-side MOSFETs. This break-before-make
switching is known as dead time, which is not fixed and depends
on how fast the MOSFETs are turned on and off. In a typical
application circuit that uses medium sized MOSFETs with an
input capacitance of approximately 3 nF, the typical dead time
is approximately 25 ns. When small and fast MOSFETs with fast
diode recovery times are used, the dead time can be as low as 13 ns.
INPUT UNDERVOLTAGE LOCKOUT
When the bias input voltage at the VIN pin is less than the
undervoltage lockout (UVLO) threshold of 2.65 V typical, the
switch drivers stay inactive. If EN is high, the controller starts
switching and the VIN pin voltage exceeds the UVLO threshold.
INTERNAL LINEAR REGULATOR
The internal linear regulator is a low dropout (LDO) VCCO.
VCCO powers up the internal control circuitry and provides
power for the gate drivers. It is guaranteed to have more than
200 mA of output current capability, which is sufficient to handle
the gate driver requirements of typical logic threshold MOSFETs
driven at up to 1.5 MHz. VCCO is always active and cannot be
shut down by the EN signal; however, the over-temperature
protection event disables the LDO together with the controller.
Bypass VCCO to AGND with a 1 µF or greater capacitor.
Because the LDO supplies the gate driver current, the output of
VCCO is subject to sharp transient currents as the drivers switch
and the boost capacitors recharge during each switching cycle.
The LDO has been optimized to handle these transients without
overload faults. Due to the gate drive loading, using the VCCO
output for other external auxiliary system loads is not
recommended.
The LDO includes a current limit that is well above the
expected maximum gate driver load. This current limit also
includes a short-circuit foldback to further limit the VCCO
current in the event of a short-circuit fault.
For an input voltage of less than 5.5 V, it is recommended to
bypass the LDO by connecting VIN to VCCO, as shown in
Figure 20, thus eliminating the dropout voltage. However, if
the input range is 4 V to 7 V, the LDO cannot be bypassed by
shorting VIN to VCCO because the 7 V input has exceeded the
maximum voltage rating of the VCCO pin. In this case, use the
LDO to drive the internal drivers, but keep in mind that there is
a dropout when VIN is less than 5 V.
ADP1851
VIN
VIN = 2.75V TO 5.5V
VCCO
Figure 20. Configuration for VIN < 5.5 V
OVERVOLTAGE PROTECTION
The ADP1851 has a built-in circuit for detecting output over-
voltage at the FB node. When the FB voltage, VFB, rises above
the overvoltage threshold, the high-side N-channel MOSFET
(NMOSFET) is turned off, and the low-side NMOSFET is turned
on until VFB drops below the undervoltage threshold. This action is
known as the crowbar overvoltage protection. If the overvoltage
condition is not removed, the controller maintains the feedback
voltage between the overvoltage and undervoltage thresholds,
and the output is regulated to within typically +8% and −8% of
the regulation voltage. During an overvoltage event, the SS/TRK
node discharges through an internal 3 kΩ pull-down resistor.
When the voltage at FB drops below the undervoltage threshold,
the soft start sequence restarts. Figure 21 shows the overvoltage
protection in PSM.
M 200µs 250MS/s
40ns/pt
A CH4
1.0V
B
W
B
W
2
3
4
CH1 5V
CH3 10V
CH2 1V B
W
CH4 5V B
W
VOUT
PGOOD
DH
DL
1
Figure 21. Overvoltage Protection in PSM Mode, VOUT Shorted to 2.0 V
POWER GOOD
The PGOOD pin is an open-drain NMOSFET. An internal
12.5 kΩ pull-up resistor is connected between PGOOD and
VCCO. PGOOD is internally pulled up to VCCO during normal
operation and is active low when triggered. When the feedback
voltage, VFB, rises above the overvoltage threshold or falls below
the undervoltage threshold, the PGOOD output is pulled to
ground after a delay of 12 µs. The overvoltage or undervoltage
condition must exist for at least 10 µs for PGOOD to become
active. The PGOOD output also becomes active if a thermal
overload condition is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com