Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1851ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADP1851
Data Sheet
Rev. B | Page 20 of 24
VCOMPMAX is the maximum voltage at the COMP pin.
tON is the high-side driver (DH) on time.
Replace RDSON with the resistance value of the current sense
element, RCS, if it is used.
Type II Compensation
G
(dB)
PHASE
–180°
–270°
fZ
fP
CHF
CI
RZ
RTOP
RBOT
VOUT
INTERNAL
VREF
EA
FB
COMP
–1
SLO
PE
–1
SLO
PE
Figure 28. Type II Compensation
For Type II compensation, use the circuit shown in Figure 28.
Calculate the compensation resistor, RZ, with the following
equation:
CO
OUT
S
TOP
Z
f
C
R
R
R
2
(13)
where:
fCO is 1/10 of fSW.
RS = ACS × RDSON_MIN.
ACS is the current sense amplifier gain of 3 V/V, 6 V/V, or
12 V/V, set by the gain resistor between DL and PGND.
If the current is sensed on a current sense resistor, RCS, then RS
becomes
CS
CS
S
R
A
R
Next, choose the compensation capacitor to set the compensa-
tion zero, fZ1, to the lesser of 1/5 of the crossover frequency or
1/2 of the LC resonant frequency.
I
Z
SW
CO
Z1
C
R
f
f
f
2
1
50
5
(14)
or
I
Z
LC
Z1
C
R
f
f
2
1
2
(15)
Solving for CI in Equation 14 yields
SW
Z
I
f
R
C
25
(16)
Solving for CI in Equation 15 yields
LC
Z
I
f
R
C
1
(17)
Use the larger value of CI from Equation 16 or Equation 17.
Because of the finite output current drive of the error amplifier,
CI must be less than 10 nF. If it is larger than 10 nF, choose a
larger RTOP and recalculate RZ and CI until CI is less than 10 nF.
Next, choose the high frequency pole, fP1, to be 1/2 of fSW.
SW
P1
f
f
2
1
(18)
Because CHF << CI,
HF
Z
P1
C
R
f
2
1
(19)
Combine Equation 18 and Equation 19, and solve for CHF.
Z
SW
HF
R
f
C
1
(20)
For maximally precise compensation solutions, use the
ADIsimPower design tool.
SWITCHING NOISE AND OVERSHOOT REDUCTION
To reduce voltage ringing and noise, it is recommended that an
RC snubber be added between SW and PGND for high current
applications, as illustrated in Figure 29.
In most applications, RSNUB is typically 2 Ω to 4 Ω, and CSNUB is
typically 1.2 nF to 3 nF.
The size of the RC snubber components must be chosen
correctly to handle the power dissipation. The power dissipated
in RSNUB is
SW
SNUB
IN
SNUB
f
C
V
P
2
In most applications, a component size of 0805 for RSNUB is
sufficient. The RC snubber does not reduce the voltage over-
shoot. A resistor, RRISE in Figure 29, at the BST pin helps to reduce
overshoot and is generally between 2 Ω and 4 Ω. Adding a resistor
in series, typically between 2 Ω and 4 Ω, with the gate driver also
helps to reduce overshoot. If a gate resistor is added, RRISE is
not needed.
VIN
ADP1851
RRISE
M1
M2
L
VOUT
CSNUB
COUT
RSNUB
DH
DL
SW
BST
PGND
Figure 29. Application Circuit with a Snubber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com