Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1851ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP1851
Rev. B | Page 21 of 24
VOLTAGE TRACKING
The ADP1851 includes a tracking feature that tracks a master
voltage. In all tracking configurations, the output can be set as
low as 0.6 V for a given operating condition.
Two tracking configurations are possible with the ADP1851:
coincident and ratiometric tracking.
Coincident Tracking
The most common application is coincident tracking, used
in core vs. I/O voltage sequencing and similar applications. As
shown in Figure 30, coincident tracking forces the ramp rate of
the output voltage to be the same for the master and slave until
the slave output reaches its regulation voltage. Connect the slave
SS/TRK input to a resistor divider from the master voltage that
is the same as the divider used on the slave FB pin. This forces the
slave voltage to be the same as the master voltage. For coincident
tracking, use RTRKT = RTOP and RTRKB = RBOT, as shown in Figure 31.
TIME
MASTER VOLTAGE
SLAVE VOLTAGE
Figure 30. Coincident Tracking
SS/
TRK
FB
ADP1851
1.8V
VOUT_SLAVE
RTOP
20kΩ
0.6V
RBOT
10kΩ
3.3V
VOUT_MASTER
RTRKT
20kΩ
1.1V
RTRKB
10kΩ
Figure 31. Example of a Coincident Tracking Circuit
The ratio of the slave output voltage to the master voltage is a
function of the two dividers.


+


+
=
TRKB
TRKT
BOT
TOP
MASTER
OUT
SLAVE
OUT
R
R
R
R
V
V
1
1
_
_
As the master voltage rises, the slave voltage rises identically.
Eventually, the slave voltage reaches its regulation voltage, at
which point the internal reference takes over the regulation
while the SS/TRK input continues to increase, thus removing
itself from influencing the output voltage.
To ensure that the output voltage accuracy is not compromised
by the SS/TRK pin being too close in voltage to the reference
voltage (VFB, typically 0.6 V), make sure that the final value of
the SS/TRK voltage of the slave channel is at least 30 mV above VFB.
Ratiometric Tracking
Ratiometric tracking limits the output voltage to a fraction of
the master voltage, as illustrated in Figure 32 and Figure 33. The
final SS/TRK voltage of the slave channel should be set to at
least 30 mV above VFB.
TIME
MASTER VOLTAGE
SLAVE VOLTAGE
Figure 32. Ratiometric Tracking
SS/
TRK
FB
ADP1851
1.8V
VOUT_SLAVE
RTOP
20kΩ
0.6V
RBOT
10kΩ
3.3V
VOUT_MASTER
RTRKT
41.2kΩ
0.65V
RTRKB
10kΩ
Figure 33. Example of a Ratiometric Tracking Circuit
PCB LAYOUT GUIDELINES
The recommended board layout practices for the synchronous
buck controller are described in the AN-1119 Application Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com