Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1851ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADP1851
Rev. B | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD IS THE AGND
POWER INPUT OF THE IC; CONNECT
IT TO THE SYSTEM AGND PLANE.
12
11
10
1
3
4
BST
DH
SW
9
DL
EN
FB
2
SS/TRK
COMP
TOP
VIEW
ADP1851
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Enable Input. Drive EN high to turn the controller on, and drive EN low to turn the controller off. Tie EN to VIN for
automatic startup. For a precision UVLO, connect an appropriately sized resistor divider from VIN to AGND, and
tie the midpoint to this pin.
2
SS/TRK
Soft Start/Tracking Input. Connect a capacitor from SS/TRK to AGND to set the soft start time. This node is
internally pulled up to VCCO through a 6.5 µA current source. Use this pin as the TRK input for tracking an
external voltage during startup.
3
FB
Output Voltage Feedback Input. Connect this pin to an output via a resistor divider.
4
COMP
Compensation Node. Output of the error amplifier. Connect a resistor/capacitor (RC) network from COMP to FB
to compensate the regulation control loop.
5
SYNC
Frequency Synchronization Input. This pin accepts an external clock signal with a frequency close to 1× the
internal oscillator frequency, fOSC, set by the FREQ pin. The controller operates in forced PWM mode when a
periodic clock signal is detected at SYNC or when SYNC is high (connected to VCCO). The resulting switching
frequency is 1× the SYNC frequency. When SYNC is low or left floating, the controller operates in pulse skip
mode.
6
VIN
Input Voltage. Connect to main power supply. Bypass with a 1 µF or larger ceramic capacitor connected as close
as possible to this pin and AGND.
7
VCCO
Output of the Internal Low Dropout (LDO) Regulator. The internal circuitry and gate drivers are powered from
VCCO. Bypass VCCO to AGND with a 1 μF or larger ceramic capacitor. The VCCO output remains active even
when EN is low. For operations at VIN below 5.5 V, VIN can be connected to VCCO. Do not use the LDO to power
other auxiliary system loads.
8
PGND
Power Ground. Ground for internal driver. Differential current is sensed between SW and PGND.
9
DL
Low-Side Synchronous Rectifier Gate Driver Output. To program the gain of the current sense amplifier in a
current mode or to set voltage mode control, connect a resistor between DL and PGND. This pin is capable of
driving MOSFETs with a total input capacitance up to 20 nF.
10
SW
Power Switch Node/Current Sense Amplifier Input. Connect this pin to the source of the high-side N-channel
MOSFET and the drain of the low-side N-channel MOSFET. Differential current is sensed between SW and PGND.
11
DH
High-Side Switch Gate Driver Output. This pin is capable of driving MOSFETs with a total input capacitance up
to 20 nF.
12
BST
Bootstrapped Upper Rail of High-Side Internal Driver. Connect a multilayer ceramic capacitor (MLCC) with a
value from 0.1 µF to 0.22 µF between BST and SW. An internal boost diode rectifier is connected between VCCO
and BST.
13
ILIM
Current-Limit Sense Comparator Inverting Input. Connect a resistor between ILIM and SW to set the current-
limit offset. For accurate current-limit sensing, connect ILIM to a current sense resistor at the source of the
low-side MOSFET.
14
PGOOD
Power Good. PGOOD is the open-drain power-good indicator logic output with an internal 12.5 kΩ resistor
connected between PGOOD and VCCO.
15
RAMP
Programmable Current Setting for Slope Compensation. Connect a resistor from RAMP to VIN. The voltage at
RAMP is 0.2 V during operation. This pin is high impedance when the controller is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com