Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1851ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADP1851
Rev. B | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
LOAD (A)
PULSE SKIP
FORCED PWM
Figure 4. Efficiency Plot
12 VIN to 1.8 VOUT, 600 kHz (see Figure 34 for Circuit)
M 100µs 50MS/s
20ns/pt
A CH4
13.4A
B
W
B
W
2
4
CH2 100mV
CH4 10A
LOAD CURRENT
VOUT_AC
Ω
Figure 5. 10 A to 20 A Load Step,
12 VIN to 1.8 VOUT, 600 kHz, Current Mode
CH1 5V
M 100µs 125MS/s
8.0ns/pt
A CH1
11.3V
2
1
CH2 100mV
B
W
B
W
VIN
VOUT_AC
Figure 6. 9 V to 15 V Line Step,
1.8 VOUT, 20 A Load, Current Mode
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
LOAD (A)
PULSE SKIP
FORCED PWM
Figure 7. Efficiency Plot
12 VIN to 3.3 VOUT, 300 kHz (see Figure 35 for Circuit)
CH2 200mV
M 100µs 5.0MS/s
200ns/pt
A CH4
14.2A
4
2
CH4 10A
Ω BW
B
W
LOAD
CURRENT
VOUT_AC
Figure 8. 10 A to 20 A Load Step,
12 VIN to 3.3 VOUT, 300 kHz, Voltage Mode
M 100µs 250MS/s
4ns/pt
A CH1
11.3V
B
W
2
CH1 5V
CH2 200mV
B
W
VIN
VOUT_AC
DL
1
Figure 9. 9 V to 15 V Line Step,
3.3 VOUT, 15 A Load, Voltage Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com