Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1851ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADP1851
Rev. B | Page 19 of 24
Because CHF << CI, calculate CHF as follows:
Z
SW
HF
R
f
C
π
=
1
(11)
Next, calculate the feedforward capacitor, CFF, assuming
RFF << RTOP.
SW
FF
FF
f
C
R
π
=
1
(12)
Check that the calculated component values are reasonable.
For example, capacitors smaller than about 10 pF should be
avoided. In addition, RZ values less than 3 kΩ and CI values
greater than 10 nF should be avoided. If necessary, recalculate
the compensation network with a different starting value for
RTOP. If RZ is too small or CI is too big, start with a larger value
for RTOP. This compensation technique should yield a good
working solution.
When precise compensation is needed, use the ADIsimPower
design tool.
LOOP COMPENSATION—CURRENT MODE
Compensate the ADP1851 error voltage loop in current mode
using Type II compensation.
Setting the Slope Compensation
In a current mode control topology, slope compensation is needed
to prevent subharmonic oscillations in the inductor current and
to maintain a stable output. The external slope compensation is
implemented by summing the amplified sense signal and a scaled
voltage at the RAMP pin. To set the effective slope compensation,
connect a resistor (RRAMP) between the RAMP pin and the input
voltage (VIN). RRAMP is calculated by
CS
CS
RAMP
R
A
L
R
×
×
×
=
6
10
7
where:
L is the inductor value measured in µH.
RCS (mΩ) is the resistance of the current sense element between
SW and PGND (RDSON_MAX is the low-side MOSFET maximum
on resistance).
ACS is the current sense amplifier gain and is 3 V/V, 6 V/V,
or 12 V/V.
Thus, the voltage ramp amplitude, VRAMP, is:
RAMP
SW
IN
RAMP
R
f
V
V
×
×
=
pF
100
V
2
.
0
where 100 pF is the effective capacitance of the internal ramp
capacitor, CRAMP, with ±4% tolerance over the temperature and
VIN range.
The voltage at the RAMP pin is fixed at 0.2 V, and the current
going into RAMP should be between 10 µA and 160 µA. Make
sure that the following condition is satisfied:
μA
160
V
2
.
0
μA
10
RAMP
IN
R
V
For example, with an input voltage of 12 V, RRAMP should not
exceed 1.1 MΩ. If the calculated RRAMP value produces less than
10 µA, then select an RRAMP value that produces between 10 µA
and 15 µA.
Figure 27 illustrates the connection of the slope compensation
resistor, RRAMP, and the current sense gain resistor, RCSG.
RCSG
RRAMP
VIN
RAMP
ADP1851
DH
DL
SW
ILIM
RILIM
Figure 27. Slope Compensation and CS Gain Connection
Setting the Current Sense Gain
The voltage drop across the external low-side MOSFET is sensed
by a current sense amplifier by multiplying the peak inductor
current and the RDSON of the MOSFET. The result is then amplified
by a gain factor of 3 V/V, 6 V/V, or 12 V/V, which is programmable
by an external resistor, RCSG, connected to the DL pin. This gain
is sensed only during power-up and not during normal operation.
The amplified voltage is summed with the slope compensation
ramp voltage and fed into the PWM controller for a stable
regulation voltage.
The voltage range of the internal node, VCS, is between 0.4 V and
2.2 V. Select the current sense gain such that the internal minimum
amplified voltage (VCSMIN) is above 0.4 V and the maximum
amplified voltage (VCSMAX) is 2.1 V. Note that VCSMIN or VCSMAX is
not the same as VCOMP, which has a range of 0.9 V to 2.2 V. Make
sure that the maximum VCOMP (VCOMPMAX) does not exceed 2.2 V
to account for temperature and part-to-part variations. See the
following equations for VCSMIN, VCSMAX, and VCOMPMAX.
CS
MIN
DSON
L
CSMIN
A
R
I
V
×
×
=
_
2
1
V
75
.
0
CS
MAX
DSON
L
LOADMAX
CSMAX
A
R
I
I
V
×
×
+
=
_
)
2
1
(
V
75
.
0
CSMAX
RAMP
ON
IN
COMPMAX
V
R
t
V
V
+
×
×
=
pF
100
)
V
2
.
0
(
where:
VCSMIN is the minimum amplified voltage of the internal current
sense amplifier at zero output current.
IL is the peak-to-peak ripple current in the inductor.
RDSON_MIN is the low-side MOSFET minimum on resistance. The
zero current level voltage of the current sense amplifier is 0.75 V.
VCSMAX is the maximum amplified voltage of the internal current
sense amplifier at the maximum output current.
ILOADMAX is the maximum output dc load current.
RDSON_MAX is the low-side MOSFET maximum on resistance.
ACS is the current sense amplifier gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com