Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1851ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADP1851
Rev. B | Page 15 of 24
APPLICATIONS INFORMATION
ADIsimPower DESIGN TOOL
The ADP1851 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. The tools
allow the user to generate a full schematic and bill of materials
and to calculate performance in minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and parts count while
taking into consideration the operating conditions and limitations
of the IC and all real external components. The ADIsimPower
tool can be found at www.analog.com/ADIsimPower, and the
user can request an unpopulated board through the tool.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using a resistive voltage divider from
the output to FB. For RBOT, use a 1 kΩ to 20 kΩ resistor. Choose
RTOP to set the output voltage by using the following equation:


FB
FB
OUT
BOT
TOP
V
V
V
R
R
where:
RTOP is the high-side voltage divider resistance.
RBOT is the low-side voltage divider resistance.
VOUT is the regulated output voltage.
VFB is the feedback regulation threshold, 0.6 V.
SOFT START
The soft start period is set by an external capacitor between SS
and AGND. The soft start function limits the input inrush current
and prevents output overshoot. When EN is enabled, a current
source of 6.5 μA starts charging the capacitor, and the regulation
voltage is reached when the voltage at SS reaches 0.6 V. The soft
start time is approximated by
SS
SS
C
t
μA
5
.
6
V
6
.
0
The SS pin reaches a final voltage equal to VCCO.
When a controller is disabled, for example, if EN is pulled low or
experiences an overcurrent limit condition, the soft start capacitor
is discharged through an internal 3 kΩ pull-down resistor.
SETTING THE CURRENT LIMIT
The current-limit comparator measures the voltage across the
low-side MOSFET to determine the load current.
The current limit is set by an external current-limit resistor, RILIM,
between ILIM and SW. The current sense pin, ILIM, sources
nominally 50 μA to this external resistor. This creates an offset
voltage of RILIM multiplied by 50 μA. When the drop across the
current sense element RCS (low-side MOSFET, RDSON) is equal to
or greater than this offset voltage, the ADP1851 flags a current-
limit event.
μA
50
06
.
1
CS
LPK
ILIM
R
I
R
where:
ILPK is the peak inductor current.
ACCURATE CURRENT-LIMIT SENSING
The RDSON of the MOSFET can vary by more than 50% over the
temperature range. Accurate current-limit sensing is achieved
by adding a current sense resistor from the source of the low-
side MOSFET to PGND. Make sure that the power rating of the
current sense resistor is adequate for the application. Figure 24
illustrates the implementation of accurate current-limit sensing.
VIN
ADP1851
DH
SW
ILIM
DL
RILIM
RSENSE
Figure 24. Accurate Current-Limit Sensing
INPUT CAPACITOR SELECTION
Use two parallel capacitors placed close to the drain of the high-
side switch MOSFET (one bulk capacitor of sufficiently high
current rating and a 10 μF ceramic decoupling capacitor).
Select the input bulk capacitor based on its ripple current
rating. The minimum input capacitance required for a
particular load is
SW
ESR
O
PP
O
MIN
IN
f
DR
I
V
D
D
I
C
)
(
)
1
(
,
where:
IO is the output current.
D is the duty cycle.
VPP is the desired input ripple voltage.
RESR is the equivalent series resistance of the capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com